Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si82391CD-IS Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si82391CD-IS
Description  Enhanced output UVLO safety
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82391CD-IS Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si82391CD-IS Datasheet HTML 6Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 7Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 8Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 9Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 10Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 11Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 12Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 13Page - Silicon Laboratories Si82391CD-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
2.4 Power Dissipation Considerations
Proper system design must assure that the Si8239x operates within safe thermal limits across the entire load range. The Si8239x total
power dissipation is the sum of the power dissipated by bias supply current, internal parasitic switching losses, and power dissipated by
the series gate resistor and load. Equation 1 shows Si8239x power dissipation.
PD = VDDI * IDDI + 2 * VDD2 * IDD2 + f * CL * VDD2
2
*
( Rp
Rp + Rg )
+ f * CL * VDD2
2
*
( Rn
Rn + Rg )
+ 2 * f * Cint * VDD2
2
Equation 1.
Note: Where:
• PD is the total Si8239x device power dissipation (W)
• IDDI is the input side maximum bias current (from table 4.1, 3.8 mA)
• IDD2 is the driver side maximum bias current (from table 4.1, 6.5 mA)
• Cint is the internal parasitic capacitance (370 pf)
• VDDI is the input side VDD supply voltage (2.5 V to 5. 5V)
• VDD2 is the driver side supply voltage (10 V to 24 V)
• f is the switching frequency (Hz)
• CL is the load capacitance (F)
• RG is the external gate resistor (Ω)
• RP is the RDS(ON) of the driver pull-up device (2.7 Ω)
• Rn is the RDS(ON) of the driver pull-down device (1 Ω)
Example calculation (using IDDx values from Table 4.1 for Si82397)
VDDI = 5 V
VDD2 = 12 V
f = 350 kHz
RG = 22 Ω
CL = 2 nF
PD = 5 * .0021 + 2 * 12 * .0025 + 350000 *
(2*10−9)*144*( 2.7
2.7 + 22 )
+ 350000 *
(2*10−9)*144*( 1
1 + 22 )
+ 2 * 350000 *
(370*10−12)*144
PD = 0.123 W is the total dissipated power by the Si8239x package.
From this, the driver junction temperature can be calculated using Equation 2.
T j = TA + PD * θ ja
Equation 2.
Note: Where:
• Tj is the junction temperature (°C)
• TA is the ambient temperature (°C)
• PD is the power dissipated in the package (W)
• Θja is the thermal resistance of the package (100 °C/W from table 4.7)
For this example, assume that TA is 25 °C.
T j = 25 + 0.123 * 100
Tj is 37.3 °C.
Si8239x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 9


Similar Part No. - Si82391CD-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si82391CD-IS SILABS-Si82391CD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Skyworks Solutions Inc.
SI82391CD-IS SKYWORKS-SI82391CD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82391CD-IS3 SKYWORKS-SI82391CD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Similar Description - Si82391CD-IS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S40A DELTA-NC12S40A Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
logo
Renesas Technology Corp
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
   20-Output Enhanced DB2000QL
October 6, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
   20-Output Enhanced DB2000Q
Apr 5, 2022
logo
All Sensors Corporation
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Ultralife Corporation.
UHR-XR34610 ULTRALIFE-UHR-XR34610 Datasheet
471Kb / 2P
   Enhanced safety with a thermal fuse and shutdown separator.
Rev -
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
   2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com