Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL23EP04 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL23EP04
Description  10 to 220 MHz operating frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP04 Datasheet(HTML) 4 Page - Silicon Laboratories

  SL23EP04 Datasheet HTML 1Page - Silicon Laboratories SL23EP04 Datasheet HTML 2Page - Silicon Laboratories SL23EP04 Datasheet HTML 3Page - Silicon Laboratories SL23EP04 Datasheet HTML 4Page - Silicon Laboratories SL23EP04 Datasheet HTML 5Page - Silicon Laboratories SL23EP04 Datasheet HTML 6Page - Silicon Laboratories SL23EP04 Datasheet HTML 7Page - Silicon Laboratories SL23EP04 Datasheet HTML 8Page - Silicon Laboratories SL23EP04 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
May 15, 2008
Page 4 of 15
SL23EP04
Absolute Maximum Ratings (All Products)
Description
Condition
Min
Max
Unit
Supply voltage, VDD
-0.5
4.6
V
All Inputs and Outputs
-0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
-40
85
°C
Storage Temperature
No power is applied
-65
150
°C
Junction Temperature
In operation, power is applied
-
125
°C
Soldering Temperature
-
260
°C
ESD Rating (Human Body Model)
JEDECCC22-A114D
-4000
4000
V
ESD Rating (Change Device Model)
JEDECCC22-C101C
-1500
1500
V
ESD Rating (Machine Model)
JEDECCC22-A115D
-200
200
V
Operating Conditions (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.97
3.3
3.63
V
Operating Temperature
TA
Ambient Temperature
0
-
70
°C
Input Capacitance
VIH
Pins 1 and 8
-
5
7
pF
Output Impedance
ROUT-1
High Drive (-1H and -2H)
-
28
-
Ω
Output Impedance
ROUT-2
Standard Drive (-1 and -2)
-
40
-
Ω
DC Electrical Characteristics (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
Pins 1 and 8
0.8
V
Input HIGH Voltage
VINH
Pins 1 and 8
2.0
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V, Pins 1 and 8
20
50
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
Pins 1 and 8
20
50
µA
Output LOW Voltage
VOL
IOL = 8 mA ( -1, -2 drives)
0.4
V
IOL = 12 mA (-1H, -2H drives)
0.4
V


Similar Part No. - SL23EP04

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZZC-1 SILABS-SL23EP04NZZC-1 Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Similar Description - SL23EP04

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com