Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI53345-B-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI53345-B-GM
Description  Multiple configuration options
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53345-B-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  SI53345-B-GM Datasheet HTML 1Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 2Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 3Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 4Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 5Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 6Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 7Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 8Page - Silicon Laboratories SI53345-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
1. Ordering Guide
Table 1.1. Si5334x Ordering Guide
Part Number
Input
LVDS Output
Output Enable (OE)
Frequency Range
Package
SI53340-B-GM
2:1 selectable MUX
Any-format
1 bank / 4 Outputs
dc to 1250 MHz
16-QFN
3 x 3 mm
SI53341-B-GM
2:1 selectable MUX
LVCMOS
1 bank / 4 Outputs
dc to 200 MHz
16-QFN
3 x 3 mm
SI53342-B-GM
2:1 selectable MUX
Any-format
2 banks / 3 Outputs
1 per bank
dc to 1250 MHz
24-QFN
4 x 4 mm
SI53343-B-GM
2:1 selectable MUX
LVCMOS
2 banks / 3 Outputs
1 per bank
dc to 200 MHz
24-QFN
4 x 4 mm
SI53344-B-GM
2:1 selectable MUX
Any-format
1 bank / 10 Outputs
dc to 1250 MHz
32-QFN
5 x 5 mm
SI53345-B-GM
2:1 selectable MUX
LVCMOS
1 bank / 10 Outputs
dc to 200 MHz
32-QFN
5 x 5 mm
Si53340-45 Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 1


Similar Part No. - SI53345-B-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53345-B-GM SKYWORKS-SI53345-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI53345-B-GM SKYWORKS-SI53345-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results

Similar Description - SI53345-B-GM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
   Multiple connector source options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
MAX44267EVKIT MAXIM-MAX44267EVKIT Datasheet
793Kb / 7P
   Accommodate Multiple Op-Amp Configuration
19-7520; Rev 0; 2/15
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Maxim Integrated Produc...
MAX77655EVKIT MAXIM-MAX77655EVKIT Datasheet
3Mb / 22P
   Evaluation of Multiple On-Key Options
Rev 0; 8/20
logo
Tyco Electronics
6VM1 MACOM-6VM1_11 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
6VM1 TEC-6VM1 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
NXP Semiconductors
CBTD3306 NXP-CBTD3306_11 Datasheet
149Kb / 17P
   Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
logo
Moxa Inc.
EXPC-1519 MOXA-EXPC-1519 Datasheet
2Mb / 8P
   Zone 2 19-inch panel computers with multiple connectivity options
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com