Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28PCIe25ALCT Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SL28PCIe25ALCT
Description  Integrated voltage regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe25ALCT Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SL28PCIe25ALCT Datasheet HTML 3Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe25ALCT Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SL28PCIe25
DOC#: SP-AP-0776 (Rev. 0.2)
Page 7 of 16
2
1
I2C_VOUT<2>
Amplitude configurations differential clocks
I2C_VOUT[2:0]
000 = 0.30V
001 = 0.40V
010 = 0.50V
011 = 0.60V
100 = 0.70V
101 = 0.80V (default)
110 = 0.90V
111 = 1.00V
1
0
I2C_VOUT<1>
0
1
I2C_VOUT<0>
Byte 10: Control Register 10
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
1
RESERVED
RESERVED
0
1
RESERVED
RESERVED
Byte 11: Control Register 11
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
1
RESERVED
RESERVED
1
1
RESERVED
RESERVED
0
1
RESERVED
RESERVED
Byte 12: Byte Count
Bit
@Pup
Name
Description
7
0
BC7
Byte count register for block read operation.
The default value for Byte count is 15.
In order to read beyond Byte 15, the user should change the byte count
limit.to or beyond the byte that is desired to be read.
60
BC6
50
BC5
40
BC4
31
BC3
21
BC2
11
BC1
01
BC0
Byte 9: Control Register 9


Similar Part No. - SL28PCIe25ALCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALC SILABS-SL28PCIe26ALC Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALCT SILABS-SL28PCIe26ALCT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALI SILABS-SL28PCIe26ALI Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALIT SILABS-SL28PCIe26ALIT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
More results

Similar Description - SL28PCIe25ALCT

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NTE Electronics
NTE1895 NTE-NTE1895 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
NTE Electronics
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7078 NTE-NTE7078 Datasheet
21Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com