Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28PCIe25ALI Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28PCIe25ALI
Description  Integrated voltage regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe25ALI Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28PCIe25ALI Datasheet HTML 1Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 2Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 3Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 4Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 5Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 6Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 7Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 8Page - Silicon Laboratories SL28PCIe25ALI Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SL28PCIe25
DOC#: SP-AP-0776 (Rev. 0.2)
Page 2 of 16
32-QFN Pin Definitions
EProClock® Programmable Technology
EProClock® is the world’s first non-volatile programmable
clock. The EProClock® technology allows board designer to
promptly achieve optimum compliance and clock signal
integrity; historically, attainable typically through device and/or
board redesigns.
EProClock® technology can be configured through SMBus or
hard coded.
Features:
- > 4000 bits of configurations
- Can be configured through SMBus or hard coded
- Custom frequency sets
- Differential skew control on true or compliment or both
- Differential duty cycle control on true or compliment or both
- Differential amplitude control
- Differential and single-ended slew rate control
- Program Internal or External series resistor on single-ended
clocks
- Program different spread profiles and modulation rates
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Pin No.
Name
Type
Description
1
VDD
PWR 3.3V Power Supply
2
VSS
GND
Ground
3
NC
NC
No Connect.
4
NC
NC
No Connect.
5
VDD
PWR 3.3V Power Supply
6
NC
NC
No Connect.
7
NC
NC
No Connect.
8
VSS
GND
Ground
9
VSS
GND
Ground
10
SRC0
O, DIF 100MHz True differential serial reference clock
11
SRC0#
O, DIF 100MHz Complement differential serial reference clock
12
VSS
GND
Ground
13
SRC1
O, DIF 100MHz True differential serial reference clock
14
SRC1#
O, DIF 100MHz Complement differential serial reference clock
15
VDD
PWR 3.3V Power Supply
16
NC
NC
No Connect.
17
VDD
PWR 3.3V Power Supply
18
VDD
PWR 3.3V Power Supply
19
SRC2#
O, DIF 100MHz Complement differential serial reference clock
20
SRC2
O, DIF 100MHz True differential serial reference clock
21
VSS
GND
Ground
22
SRC3#
O, DIF 100MHz Complement differential serial reference clock
23
SRC3
O, DIF 100MHz True differential serial reference clock
24
VDD
PWR 3.3V Power Supply
25
CKPWRGD/PD#
I
3.3V LVTTL input pin. When PD# is asserted low, the device will power down.
26
VSS
GND
Ground
27
XOUT
O, SE 25MHz Crystal output, Float XOUT if using CLKIN (Clock Input)
28
XIN/CLKIN
I
25MHz Crystal input or 3.3V, 25MHz Clock input
29
VDD
PWR 3.3V Power Supply
30
REF
O
3.3V, 25MHz clock output.
31
SDATA
I/O
SMBus compatible SDATA
32
SCLK
I
SMBus compatible SCLOCK


Similar Part No. - SL28PCIe25ALI

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALC SILABS-SL28PCIe26ALC Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALCT SILABS-SL28PCIe26ALCT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALI SILABS-SL28PCIe26ALI Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALIT SILABS-SL28PCIe26ALIT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
More results

Similar Description - SL28PCIe25ALI

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NTE Electronics
NTE1895 NTE-NTE1895 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
NTE Electronics
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7078 NTE-NTE7078 Datasheet
21Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com