Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4101ITQ1633 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # TS4101ITQ1633
Description  Precision Measurement
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4101ITQ1633 Datasheet(HTML) 5 Page - Silicon Laboratories

  TS4101ITQ1633 Datasheet HTML 1Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 2Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 3Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS4101ITQ1633 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2.1.6 Switched-Capacitor Voltage Doubler with the TS4102 and TS3004 Timer
In portable applications, it is a common requirement for a battery to continue to supply power to a circuit when it has discharged to a
voltage unusable by other devices in the system. To address this, a simple voltage doubler can be designed using two SPDT switches
in a single TS4102 device and a TS3004 timer as shown in the figure below.
In this configuration, the TS3003 timer FOUT output provides a 200 Hz (50% Duty Cycle) clock signal to address pin ADDA and ADDB
that switches between 0 V and VDD. When the clock signal to the address pins ADDA and ADDB is 0 V, capacitor C1 is charged to
VSUPPLY. When the clock input is VDD, the charge in C1 is passed to C2 and effectively doubles the voltage at NOB to 2 x VSUPPLY.
Unlike other analog switches, the TS4102 allows the supply voltage to be independent of the common mode input voltage. In this con-
figuration, the TS4102 allows the supply voltage to be independent of the common mode input voltage. In this configuration, the
TS4102 and the TS3004 can operate at a supply voltage range of 1.55 V to 5.25 V while the output voltage is 5 V with VSUPPLY = 2.5
V. With VDD = 1.55 V, the complete circuit consumes only 3 μA of supply current and can drive an output load of up to 48 μA (5% drop
at VOUT).
Figure 2.2. Switched-Capacitor Voltage Doubler with TS4102 and TS3004 Timer
TS4100/01/02 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 4


Similar Part No. - TS4101ITQ1633

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TS4141 INFINEON-TS4141 Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
   0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
TS4148 TSC-TS4148 Datasheet
141Kb / 2P
   0.5AMPS High Speed Switching Diode
logo
List of Unclassifed Man...
TS4148-1206-R7T4 ETC1-TS4148-1206-R7T4 Datasheet
145Kb / 3P
   0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
More results

Similar Description - TS4101ITQ1633

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S13360 HAMAMATSU-S13360_15 Datasheet
911Kb / 12P
   MPPCs for precision measurement
logo
Isabellenhütte Heu...
IVT-S ISABELLENHUETTE-IVT-S Datasheet
1Mb / 45P
   HIGH PRECISION CURRENT MEASUREMENT
Version 1.03
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
   Precision Capacitance Measurement System
logo
Semtech Corporation
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Burr-Brown (TI)
ISC300 BURR-BROWN-ISC300 Datasheet
100Kb / 11P
   Universal Precision Isolated MEASUREMENT CHANNEL
logo
Keysight Technologies
E5270B KEYSIGHT-E5270B Datasheet
1Mb / 20P
   Precision IV Analyzer/8 Slot Precision Measurement Mainframe
logo
List of Unclassifed Man...
875B ETC2-875B Datasheet
915Kb / 1P
   Precision measurement of very low resistances
logo
Semtech Corporation
EDGE4707B SEMTECH-EDGE4707B Datasheet
193Kb / 25P
   Quad Channel Per-Pin Precision Measurement Unit
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com