Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD002-151-001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SD002-151-001
Description  Surface Mount InGaAS Photodetector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SD002-151-001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SD002-151-001 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD002-151-001 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD002-151-001 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount InGaAS Photodetector
SD002-151-001
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 1/3
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
DESCRIPTION
FEATURES
The SD002-151-001 is a high sensitivity, low noise, 0.05 mm diameter
active area InGaAs photodiode sensitive to wavelengths over a standard
InGaAs (800-1700nm) spectral range and used for imaging and sensing
applications. The photodetector is assembled in a 1206 package.
• Low Noise
• Low Dark Current and Capacitance
• High Sensitivity
• Detection in NIR and SWIR
RELIABILITY
APPLICATIONS
Contact Luna for recommendations on specific test conditions and
procedures.
• Industrial Sensing
• Security
• Communication
• Medical
ABSOLUTE MAXIMUM RATINGS
SYMBOL
MIN
MAX
UNITS
Reverse Voltage
-
-
40
V
Ta = 23°C UNLESS NOTED OTHERWISE
Operating Temperature
-40
to
+125
°C
-
Storage Temperature
-55
to
+100
°C
-
Soldering Temperature
-
-
+260
°C
-
Wavelength Range
800
to
1700
nm
-


Similar Part No. - SD002-151-001

ManufacturerPart #DatasheetDescription
logo
Luna Innovations Incorp...
SD002-151-001 LUNA-SD002-151-001 Datasheet
198Kb / 3P
   Surface Mount InGaAS Photodetector
logo
Advanced Photonix, Inc.
SD002-151-001 ADVANCEDPHOTONIX-SD002-151-001 Datasheet
340Kb / 2P
   Surface-Mount InGaAs Photodetector
More results

Similar Description - SD002-151-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD012-151-001 ETC2-SD012-151-001 Datasheet
160Kb / 2P
   Surface Mount InGaAs Photodetector
SD003-151-001 ETC2-SD003-151-001 Datasheet
361Kb / 2P
   Surface Mount InGaAs Photodetector
logo
Luna Innovations Incorp...
SD004-151-001 LUNA-SD004-151-001 Datasheet
139Kb / 2P
   Surface Mount InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-001 ADVANCEDPHOTONIX-SD012-151-001 Datasheet
324Kb / 2P
   Surface-Mount InGaAs Photodetector
logo
Luna Innovations Incorp...
SD002-151-001 LUNA-SD002-151-001 Datasheet
198Kb / 3P
   Surface Mount InGaAS Photodetector
SD003-151-001 LUNA-SD003-151-001 Datasheet
157Kb / 2P
   Surface Mount InGaAs Photodetector
SD012-151-001 LUNA-SD012-151-001 Datasheet
160Kb / 2P
   Surface Mount InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD003-151-001 ADVANCEDPHOTONIX-SD003-151-001 Datasheet
339Kb / 2P
   Surface-Mount InGaAs Photodetector
SD002-151-001 ADVANCEDPHOTONIX-SD002-151-001 Datasheet
340Kb / 2P
   Surface-Mount InGaAs Photodetector
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com