Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89021 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # P89021
Description  VOICE OTP IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89021 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button P89021 Datasheet HTML 2Page - Aplus Intergrated Circuits P89021 Datasheet HTML 3Page - Aplus Intergrated Circuits P89021 Datasheet HTML 4Page - Aplus Intergrated Circuits P89021 Datasheet HTML 5Page - Aplus Intergrated Circuits P89021 Datasheet HTML 6Page - Aplus Intergrated Circuits P89021 Datasheet HTML 7Page - Aplus Intergrated Circuits P89021 Datasheet HTML 8Page - Aplus Intergrated Circuits P89021 Datasheet HTML 9Page - Aplus Intergrated Circuits P89021 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 4.0
Aug 23, 2010
6
Programmable Options
In both Key Trigger Mode and CPU Parallel Trigger Mode, user can select different trigger functions
and output signals to be sent out from the pins OUT1, OUT2 and OUT3.
Options affect all Voice Group playback are called Whole Chip Options. Options only affect the
playback of individual Voice Group are called Group Options.
Whole Chip Options
• Key or CPU Parallel Trigger Mode.
• Ramp-up-down enable or disable:
When COUT is used for playback, Ramp-up-down should be enabled.
This function
eliminates the ‘POP’ noise at the beginning and end of voice playback.
When VOUT1 and VOUT2 are used to drive speaker directly, Ramp-up-down should be
disabled.
Fig. 1 Ramp-up-down Enable
Fig.2 Ramp-up-down Disable
• Output Options:
This option sets up the three output pins OUT1 and OUT2 to send out different signals during
voice playback. Four settings are allowed:
OUT1
OUT2
OUT3
Option 1
LED2
LED1
BUSY
Option 2
STOP
LED1
LED2
Option 3
LED1
BUSY
STOP
Note: Stop plus must be set to enable in order to have STOP plus to come
out. The BUSY output is always HIGH during voice playback.
Fig. 3 Output waveforms


Similar Part No. - P89021

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
P89010 APLUS-P89010 Datasheet
236Kb / 18P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
logo
Diodes Incorporated
P8908 DIODES-P8908 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Aplus Intergrated Circu...
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
More results

Similar Description - P89021

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
P89341 APLUS-P89341 Datasheet
359Kb / 24P
   VOICE OTP IC
P89682K APLUS-P89682K Datasheet
1Mb / 44P
   VOICE OTP IC
P89010 APLUS-P89010 Datasheet
236Kb / 18P
   VOICE OTP IC
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
   OTP ROM Built-in Voice Synthesis IC
logo
Aplus Intergrated Circu...
API8208G APLUS-API8208G Datasheet
42Kb / 2P
   OTP VOICE SERIES
logo
OKI electronic componet...
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
   Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
   21 sec VOICE OTP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com