Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7A80-8SG-300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # W7A80-8SG-300
Description  CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W7A80-8SG-300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  W7A80-8SG-300 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIS DOCUMENT CONTAINS CONFIDENTIAL
INFORMATION PROPRIETARY TO CONXALL
CORPORATION. ANY REPRODUCTION,
DISCLOSURE, OR USE OF THIS
DOCUMENT /INFORMATION IS EXPRESSLY
PROHIBITED UNLESS AUTHORIZED IN
WRITING BY CONXALL CORPORATION.
CUSTOMER APPROVAL
APPROVED BY:
DATE:
RoHS COMPLIANT
0.13 3.4
0.05 1.3
0.56 14.1
0.62 15.7
0.80 20.3
ACROSS
FLATS
0.15 3.7
0.07 1.8
0.17 4.2
HEX NUT
GASKET
2-#16 SOCKET CONTACTS, CRIMP
SUPPLIED UNASSEMBLED
HOUSING
6-#26 SOCKET CONTACTS, CRIMP
SUPPLIED UNASSEMBLED
0.81 20.4
0.57 14.5
D-FLAT
KEY
MATING FACE
ASSY: W7A81-8SG-3ES SHOWN
POSITION 1-#16
INDICATOR
2
3
4
5
6
7
8
0.47 11.9
KEY
WIRING END
ASSY: W7A82-8SG-300 SHOWN
0.15 3.7
0.17 4.2
0.08 1.9
ASSEMBLED VIEW
ASSY: W7A82-8SG-300 SHOWN
6-#26 SOCKET CONTACTS, SOLDER
SUPPLIED ASSEMBLED
2-#16 SOCKET CONTACTS, SOLDER
SUPPLIED ASSEMBLED
0.15 3.7
0.07 1.8
0.17 4.2
0.020 0.51
6-#26 SOCKET CONTACT, PC TAIL
SUPPLIED ASSEMBLED
0.048 1.22
2-#16 CONTACT, PC TAIL
SUPPLIED ASSEMBLED
ASSEMBLED VIEW
ASSY: W7A81-8SG-3ES SHOWN
0.610±0.003 15.49±0.076
0.582±0.003 14.78±0.076
RECOMMENDED PANEL CUTOUT
CONNECTOR P/N
POSITIONS
CONTACT
STYLE
EPOXY
#16
#26
W7A80-8SG-300
2
6
CRIMP
(NONE)
W7A81-8SG-300
PC TAIL
(NONE)
W7A81-8SG-3ES
PC TAIL
ES
W7A82-8SG-300
SOLDER
(NONE)
W7A82-8SG-3ES
SOLDER
ES
PANEL-MOUNT CONNECTOR
NTS
1 OF 1
SLW
01/15/15
PNK
0A
REV
TITLE:
DESCRIPTION
SHEET
SIZE
PART
NUMBER:
DIRECTORY:
CUSTOMER:
DATE
INIT.
TOLERANCES:
AND DECIMALS.
ANGLES ±1°
REV.
THIS DOCUMENT IS PROHIBITED.
DUPLICATION OR DISTRIBUTION OF
CORPORATION." UNAUTHORIZED
THE PROPERTY OF "CONXALL
ALL INFORMATION ILLUSTRATED IS
3 PLACE DECIMALS ±.005
UNLESS OTHERWISE SPECIFIED
INCHES, FRACTION OF INCHES
ALL UNITS ARE IN FEET,
FLAG PER SPEC. XXXX
= CRITICAL CHARACTERISTIC
FRACTIONS ±1/16
FILE:
APPROVED BY:
CHECKED BY:
SCALE
ORIG. DRAWN BY:
DATE:
601 E. WILDWOOD VILLA PARK, IL 60181
B
STANDARD PRODUCT
2-16 + 6-26 SOCKET CONTACTS
MINI-CON-X POWER/SIGNAL
PNK
0A
01/15/15
PDR 14001 PRELIMINARY
W7A8X-8SG-3XX
W7A8X-8SG-3XX_CD
NOTES:
1. ALL PARTS TO BE BULK PACKED.
2. SEE DRAWING HPMIMIX FOR HOLE PATTERN.
3. DIMENSIONS ARE FOR REFERENCE ONLY.
PRELIMINARY


Similar Part No. - W7A80-8SG-300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W7A80-8PG-300 ETC2-W7A80-8PG-300 Datasheet
249Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
More results

Similar Description - W7A80-8SG-300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W6C80-6PG-513 ETC2-W6C80-6PG-513 Datasheet
210Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-513 ETC2-W8C80-6SG-513 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W7A80-8PG-300 ETC2-W7A80-8PG-300 Datasheet
249Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8A80-8PG-513 ETC2-W8A80-8PG-513 Datasheet
170Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W7C80-6PG-300 ETC2-W7C80-6PG-300 Datasheet
229Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6PG-513 ETC2-W8C80-6PG-513 Datasheet
158Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
163A17479X ETC2-163A17479X Datasheet
190Kb / 1P
   CABLE-END CONNECTOR 2-16 6-26 PIN CONTACTS MINI-CON-X POWER/SIGNAL
logo
Switchcraft, Inc.
CA6280XPXXX90 SWITCH-CA6280XPXXX90 Datasheet
135Kb / 1P
   CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X
Rev. A
logo
List of Unclassifed Man...
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
   (2-6) #20 PIN CONTACTS MINI-CON-X
W6A80-8SG-513 ETC2-W6A80-8SG-513 Datasheet
228Kb / 1P
   2-16 6-26 SOCKET CONTACTS MINI-CON-X POWER/SIGNAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com