Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-77101BXX-I8T1U4 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-77101BXX-I8T1U4
Description  POWER SEQUENCER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-77101BXX-I8T1U4 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-77101BXX-I8T1U4 Datasheet HTML 3Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-77101BXX-I8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
POWER SEQUENCER
Rev.1.0_01
S-77100/77101 Series
7
Electrical Characteristics
Table 6
(Ta =
−40°C to +85°C, VDD = 2.2 V to 5.5 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Applied Pin
Condition
Min.
Typ.*1
Max.
Unit
Operation power supply voltage VDD
VDD
2.2
5.5
V
Current consumption 1
(Off period)
IDD1
VDD
VDD = 3.3 V,
ON pin, OFF
_______
pin*2 = VSS,
ENBL_x pin = Open
3.0
6.0
μA
Current consumption 2
(Power-good period)
IDD2
VDD
VDD = 3.3 V,
ON pin, OFF
_______
pin*2 = VDD,
ENBL_x pin = Open
3.0
6.0
μA
Current consumption 3
(On-sequence period,
off-sequence period)
IDD3
VDD
VDD = 3.3 V,
ON pin, OFF
_______
pin*2 = VDD or VSS,
ENBL_x pin = Open
8.0
μA
Low voltage detection voltage
VUVLO
VDD
1.85
2.0
2.13
V
High level input leakage current IIZH
ON, OFF
_______
*2
VIN = VDD
−0.3
0.3
μA
Low level input leakage current IIZL
ON, OFF
_______
*2
VIN = VSS
−0.3
0.3
μA
Input voltage
(When Schmitt trigger input
is selected)
VIL
ON, OFF
_______
*2
VSS
0.3
0.2
×
VDD
V
VIH
ON, OFF
_______
*2
0.8
×
VDD
VDD
+
0.3
V
Input threshold voltage
(When comparator input
is selected)
VIT_ON
ON, OFF
_______
*2
0.3
0.8
1.3
V
High level output leakage
current*3
IOZH
ENBL_A,
ENBL_B,
ENBL_C,
ENBL_D*4
VOUT = VDD
−0.3
0.3
μA
Low level output leakage
current*3
IOZL
ENBL_A,
ENBL_B,
ENBL_C,
ENBL_D*4
VOUT = VSS
−0.3
0.3
μA
Low level output voltage
VOL
ENBL_A,
ENBL_B,
ENBL_C,
ENBL_D*4
IOL = 2.0 mA
0.4
V
High level output voltage*5
VOH
ENBL_A,
ENBL_B,
ENBL_C,
ENBL_D*4
IOH =
−0.4 mA
0.8
×
VDD
V
Delay time*6
tDLY
ENBL_A,
ENBL_B,
ENBL_C,
ENBL_D*4
Ta =
+25°C, VDD = 3.3 V,
The period from ENBL_A pin
rising to ENBL_B pin rising,
CDLY = 10 nF,
The number of times of CDLY
charge and discharge = 4 times
40
45
50
ms
*1. Typ. values are the values at the time of Ta =
+25°C.
*2. The S-77101 Series only
*3. When Nch open-drain output is selected as the option.
*4. The S-77100 Series only
*5. When CMOS output is selected as the option.
*6. The delay time varies depending on the usage environment. Perform thorough evaluation using the actual application to
set the constant. Refer to " Relation between Delay Time and External Capacitors" for details.


Similar Part No. - S-77101BXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
More results

Similar Description - S-77101BXX-I8T1U4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Texas Instruments
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
logo
Renesas Technology Corp
SLG7NT4618V RENESAS-SLG7NT4618V Datasheet
1Mb / 10P
   APL Power Sequencer
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com