Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6879D8TGB Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SP6879D8TGB
Description  AC/DC Switching Power Adaptor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6879D8TGB Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SP6879D8TGB Datasheet HTML 1Page - SYNC POWER Crop. SP6879D8TGB Datasheet HTML 2Page - SYNC POWER Crop. SP6879D8TGB Datasheet HTML 3Page - SYNC POWER Crop. SP6879D8TGB Datasheet HTML 4Page - SYNC POWER Crop. SP6879D8TGB Datasheet HTML 5Page - SYNC POWER Crop. SP6879D8TGB Datasheet HTML 6Page - SYNC POWER Crop. SP6879D8TGB Datasheet HTML 7Page - SYNC POWER Crop. SP6879D8TGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2014/12/15
Ver0.1
Page 4
SP6879
Quasi-Resonant PWM Controller
ELECTRICAL CHARACTERISTICS
(TA=25℃, VCC=16V, RRI = 20K Ohm unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage ( Vcc Pin )
Istup
Startup Current
Vcc=UVLO-1.5V
5
15
uA
Icc(op)
Operating Current
VFB = 3V
2.0
4.0
mA
VFB = 3V, CL = 1nf
3.0
5.0
mA
UVLO (off)
Min. Operating Voltage
7.5
V
UVLO (on )
Start Threshold Voltage
13.5
V
OVP Level
Over Voltage Protection
24
V
Vcc Clamp
Clamping Voltage
IVCC = 10mA
26
V
Voltage Feedback ( FB Pin )
Isc
Short Circuit Current
0.3
mA
Vop
Open Loop Voltage
5.3
V
VTH_BM_on
Burst Mode on threshold
0.8
V
VTH_BM_off
Burst Mode off threshold
0.7
V
ZFB
Input Impedance
17
VTLOLP
OLP Trip Level
4.4
V
TDOLP
OLP Delay Time (note)
80
mS
Demagnetization ( DEM Pin )
VTH(DEM)
Demagnetization Threshold Voltage
75
mV
VDEM(H)
Input Clamp Voltage High
6
V
VDEM(L)
Input Clamp Voltage Low
-0.7
V
Tsupp
Suppression of the transformer ringing
at start of secondary stoke
2.5
uS
TDEM
Demagnetization Propagation Delay
250
nS
VDEM(OVP)
Load OVP trigger point
3.75
V
TDEL
Number of Cycles to trigger OVP
4
Cycle
Current Sensing ( CS Pin )
VCS(L)
CS threshold at Zero Duty Cycle
Zero duty cycle, VFB=3V
0.415
0.45
0.485
V
VCS(H)
CS threshold at max Duty Cycle
Max duty cycle, VFB=3V
0.8
V
VCS(BM)
Burst mode CS threshold
Zero Output, VFB=1V
0.3
V
TLEB
Leading Edge Blanking Time
100
nS
Gate Driver Output ( GATE Pin )
VOL
Output Low Level
VCC=15V, Io=100mA
1
V
VOH
Output High Level
VCC=15V, Io=100mA
7.5
V
VOC
Output Clamp Voltage Level
Vcc=18V
16.5
V
Tr
Rising Time
CL = 1nf
80
nS
Tf
Falling Time
CL = 1nf
30
nS
Frequency Setup (RI Pin)
RI
Resistor Range
20
VRI_open
RI open voltage
2.0
V
Fburst
Burst mode switching frequency
22
KHz
FQR(L)
Frequency low clamp in QR mode
47
52
57
KHz
FQR(H)
Frequency high clamp in QR mode
82
90
98
KHz
G_PFM
PFM mode frequency modulation slope
90
KHz/V
ΔF(shuffle) /F Frequency Shuffling Range
-4
+4
%
TON
Maximum ON Time
RRI = 20 KΩ
10
13
15
uS
TOFF
Maximum OFF Time
RRI = 20 KΩ
40
55
75
uS


Similar Part No. - SP6879D8TGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
SP6878D8TGB SYNC-POWER-SP6878D8TGB Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
SP6878S8RGB SYNC-POWER-SP6878S8RGB Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
More results

Similar Description - SP6879D8TGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41AC119 ETC2-41AC119 Datasheet
120Kb / 1P
   AC/DC Adaptor
41AC113 ETC2-41AC113 Datasheet
128Kb / 1P
   AC/DC ADAPTOR
logo
Mean Well Enterprises C...
ATX-100 MEANWELL-ATX-100 Datasheet
729Kb / 3P
   100W AC-DC ATX Power Adaptor
logo
Wall Industries,Inc.
PSGE75 WALL-PSGE75 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU61 WALL-PSIUU61 Datasheet
187Kb / 4P
   AC/DC Switching Power Supplies
PSPWX150 WALL-PSPWX150 Datasheet
257Kb / 5P
   AC/DC Switching Power Supplies
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSUP350 WALL-PSUP350 Datasheet
315Kb / 7P
   AC/DC Switching Power Supplies
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSAK350 WALL-PSAK350 Datasheet
175Kb / 5P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com