Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRL2703S Datasheet(PDF) 1 Page - International Rectifier

Part No. IRL2703S
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL2703S Datasheet(HTML) 1 Page - International Rectifier

  IRL2703S Datasheet HTML 1Page - International Rectifier IRL2703S Datasheet HTML 2Page - International Rectifier IRL2703S Datasheet HTML 3Page - International Rectifier IRL2703S Datasheet HTML 4Page - International Rectifier IRL2703S Datasheet HTML 5Page - International Rectifier IRL2703S Datasheet HTML 6Page - International Rectifier IRL2703S Datasheet HTML 7Page - International Rectifier IRL2703S Datasheet HTML 8Page - International Rectifier IRL2703S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
IRL2703S
PD - 9.1360
l Logic-Level Gate Drive
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
VDSS = 30V
RDS(on) = 0.04Ω
ID = 24A
S
D
G
11/18/96
PRELIMINARY
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
3.3
RθJA
Junction-to-Ambient (PCB Mount,steady-state)**
––––
––––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
24
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
17
A
IDM
Pulsed Drain Current

96
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.30
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚…
77
mJ
IAR
Avalanche Current

14
A
EAR
Repetitive Avalanche Energy

4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
3.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
device for use in a wide variety of applications.
The D2PAK is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2.0W in a typical surface mount application.
Description
2
D Pak


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3303 HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL2910 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF8910 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFU330 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3402 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR3802 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFI5210 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn