Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208X-800C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA208X-800C
Description  Three quadrant triacs high commutation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208X-800C Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA208X-800C Datasheet HTML 1Page - NXP Semiconductors BTA208X-800C Datasheet HTML 2Page - NXP Semiconductors BTA208X-800C Datasheet HTML 3Page - NXP Semiconductors BTA208X-800C Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Philips Semiconductors
Preliminary specification
Three quadrant triacs
BTA208X series C
high commutation
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance
full or half cycle
junction to heatsink
with heatsink compound
-
-
4.5
K/W
without heatsink compound
-
-
6.5
K/W
R
th j-a
Thermal resistance
in free air
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
2
V
D = 12 V; IT = 0.1 A
T2+ G+
2
-
35
mA
T2+ G-
2
-
35
mA
T2- G-
2
-
35
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
-
20
mA
T2+ G-
-
-
30
mA
T2- G-
-
-
20
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
-
15
mA
V
T
On-state voltage
I
T = 10 A
-
1.3
1.65
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A; Tj = 125 ˚C
0.25
0.4
-
V
I
D
Off-state leakage current
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C; exponential
1000
-
V/
µs
off-state voltage
waveform; gate open circuit
dI
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 125 ˚C; IT(RMS) = 8 A; without
3
14
A/ms
commutating current
snubber; gate open circuit
t
gt
Gate controlled turn-on
I
TM = 12 A; VD = VDRM(max); IG = 0.1 A;
-
2
µs
time
dI
G/dt = 5 A/µs
2 Device does not trigger in the T2-, G+ quadrant.
October 1997
2
Rev 1.000


Similar Part No. - BTA208X-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208X-800C PHILIPS-BTA208X-800C Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1999
logo
WeEn Semiconductors
BTA208X-800CT WEEN-BTA208X-800CT Datasheet
507Kb / 12P
   3Q Hi-Com Triac
BTA208X-800CTQ WEEN-BTA208X-800CTQ Datasheet
507Kb / 12P
   3Q Hi-Com Triac
More results

Similar Description - BTA208X-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com