Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA208XD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BTA208XD
Description  Three quadrant triacs guaranteed commutation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208XD Datasheet(HTML) 3 Page - NXP Semiconductors

  BTA208XD Datasheet HTML 1Page - NXP Semiconductors BTA208XD Datasheet HTML 2Page - NXP Semiconductors BTA208XD Datasheet HTML 3Page - NXP Semiconductors BTA208XD Datasheet HTML 4Page - NXP Semiconductors BTA208XD Datasheet HTML 5Page - NXP Semiconductors BTA208XD Datasheet HTML 6Page - NXP Semiconductors BTA208XD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA208X series D, E and F
guaranteed commutation
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BTA208X-
...D
...E
...F
...D
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max);
2060
7060
-
V/
µs
off-state voltage
T
j = 110 ˚C; exponential
waveform; gate open
circuit
dI
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 110 ˚C;
1.8
3.5
5
8.5
-
A/ms
commutating current
I
T(RMS) = 8 A;
dV
com/dt = 20V/µs; gate
open circuit
dI
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 110 ˚C;
5
16
19
100
-
A/ms
commutating current
I
T(RMS) = 8 A;
dV
com/dt = 0.1V/µs; gate
open circuit
...D, E, F
t
gt
Gate controlled turn-on
I
TM = 12 A; VD = VDRM(max);-
-
-
2
-
µs
time
I
G = 0.1 A; dIG/dt = 5 A/µs
February 2000
3
Rev 1.000


Similar Part No. - BTA208XD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208X PHILIPS-BTA208X Datasheet
45Kb / 8P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208X PHILIPS-BTA208X Datasheet
50Kb / 6P
   Three quadrant triacs high commutation
October 1999
BTA208X PHILIPS-BTA208X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1999
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA208X-1000B PHILIPS-BTA208X-1000B Datasheet
42Kb / 6P
   Three quadrant triacs high commutation
22 May 2014
More results

Similar Description - BTA208XD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com