Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA212B-600E Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA212B-600E
Description  Three quadrant triacs guaranteed commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA212B-600E Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA212B-600E Datasheet HTML 1Page - NXP Semiconductors BTA212B-600E Datasheet HTML 2Page - NXP Semiconductors BTA212B-600E Datasheet HTML 3Page - NXP Semiconductors BTA212B-600E Datasheet HTML 4Page - NXP Semiconductors BTA212B-600E Datasheet HTML 5Page - NXP Semiconductors BTA212B-600E Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA212B series D, E and F
guaranteed commutation
MECHANICAL DATA
Dimensions in mm
Net Mass: 1.4 g
Fig.13. SOT404 : centre pin connected to mounting base.
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.14. SOT404 : minimum pad sizes for surface mounting.
Notes
1. Plastic meets UL94 V0 at 1/8".
11 max
4.5 max
1.4 max
10.3 max
0.5
15.4
2.5
0.85 max
(x2)
2.54 (x2)
17.5
11.5
9.0
5.08
3.8
2.0
February 2000
5
Rev 1.000


Similar Part No. - BTA212B-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B-600E PHILIPS-BTA212B-600E Datasheet
47Kb / 6P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B-600E WEEN-BTA212B-600E Datasheet
440Kb / 8P
   Three quadrant triacs guaranteed commutation
More results

Similar Description - BTA212B-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com