Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA216B-600B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA216B-600B
Description  Triacs high commutation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA216B-600B Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA216B-600B Datasheet HTML 1Page - NXP Semiconductors BTA216B-600B Datasheet HTML 2Page - NXP Semiconductors BTA216B-600B Datasheet HTML 3Page - NXP Semiconductors BTA216B-600B Datasheet HTML 4Page - NXP Semiconductors BTA216B-600B Datasheet HTML 5Page - NXP Semiconductors BTA216B-600B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BTA216B series B
high commutation
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
1.2
K/W
junction to mounting base
half cycle
-
-
1.7
K/W
R
th j-a
Thermal resistance
minimum footprint, FR4 board
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
2
V
D = 12 V; IT = 0.1 A
T2+ G+
2
18
50
mA
T2+ G-
2
21
50
mA
T2- G-
2
34
50
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
31
60
mA
T2+ G-
-
34
90
mA
T2- G-
-
30
60
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
31
60
mA
V
T
On-state voltage
I
T = 20 A
-
1.2
1.5
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A; Tj = 125 ˚C
0.25
0.4
-
V
I
D
Off-state leakage current
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
1000
4000
-
V/
µs
off-state voltage
exponential waveform; gate open circuit
dI
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 125 ˚C; IT(RMS) = 16 A;
-
28
-
A/ms
commutating current
without snubber; gate open circuit
t
gt
Gate controlled turn-on
I
TM = 20 A; VD = VDRM(max); IG = 0.1 A;
-
2
-
µs
time
dI
G/dt = 5 A/µs
2 Device does not trigger in the T2-, G+ quadrant.
October 1997
2
Rev 1.100


Similar Part No. - BTA216B-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA216B-600B PHILIPS-BTA216B-600B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BTA216B-600B ISC-BTA216B-600B Datasheet
219Kb / 1P
   isc Triacs
logo
WeEn Semiconductors
BTA216B-600B WEEN-BTA216B-600B Datasheet
435Kb / 8P
   Triacs high commutation
More results

Similar Description - BTA216B-600B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
logo
WeEn Semiconductors
BTA216B-600B WEEN-BTA216B-600B Datasheet
435Kb / 8P
   Triacs high commutation
logo
NXP Semiconductors
BTA216-600BT NXP-BTA216-600BT Datasheet
75Kb / 12P
   Triacs high commutation
Rev. 01-25 August 2005
BTA216B_B PHILIPS-BTA216B_B Datasheet
109Kb / 8P
   Triacs high commutation
October 1997
logo
WeEn Semiconductors
BTA216B WEEN-BTA216B Datasheet
913Kb / 8P
   Triacs high commutation
BTA216-600BT WEEN-BTA216-600BT Datasheet
833Kb / 11P
   Triacs high commutation
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com