Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA847IDBVR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA847IDBVR
Description  Wideband, Ultra-Low Noise, Voltage-Feedback
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA847IDBVR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA847IDBVR Datasheet HTML 1Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 2Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 3Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 4Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 5Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 6Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 7Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 8Page - Burr-Brown (TI) OPA847IDBVR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA847
5
SBOS251C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = 25°C, G = +20V/V, RG = 39.2Ω, and RL = 100Ω, unless otherwise noted.
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
5MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
150
200
250
300
350
400
450
500
See Figure 1
G = +20V/V
V
O = 2VPP
2nd-Harmonic
3rd-Harmonic
–75
–80
–85
–90
–95
–100
–105
1MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
150
200
250
300
350
400
450
500
See Figure 1
G = +20V/V
V
O = 5VPP
2nd-Harmonic
3rd-Harmonic
–65
–75
–85
–95
–105
–115
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
100
3rd-Harmonic
2nd-Harmonic
G = +20V/V
V
O = 2VPP
R
L = 200Ω
See Figure 1
–75
–80
–85
–90
–95
–100
–105
–110
–115
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
See Figure 1
G = +20V/V
F = 5MHz
R
L = 200Ω
2nd-Harmonic
3rd-Harmonic
–75
–80
–85
–90
–95
–100
–105
–110
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
15
20
25
30
35
40
45
50
55
50
See Figure 1
V
O = 2VPP
R
L = 200Ω
F = 5MHz
R
F = 750Ω
R
G Adjusted
2nd-Harmonic
3rd-Harmonic
–70
–75
–80
–85
–90
–95
–100
–105
–110
HARMONIC DISTORTION vs INVERTING GAIN
Gain
–V/V 
20
25
30
35
40
45
50
See Figure 2
V
O = 2VPP
R
L = 200Ω
F = 5MHz
R
G = 50Ω
R
F Adjusted
2nd-Harmonic
3rd-Harmonic


Similar Part No. - OPA847IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDBVR TI-OPA847IDBVR Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVRG4 TI-OPA847IDBVRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
More results

Similar Description - OPA847IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA687 BURR-BROWN-OPA687 Datasheet
172Kb / 16P
   Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
logo
National Semiconductor ...
OPA2890 NSC-OPA2890 Datasheet
1Mb / 38P
   Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com