Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28023 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28023
Description  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28023 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28023 Datasheet HTML 7Page - Intersil Corporation ISL28023 Datasheet HTML 8Page - Intersil Corporation ISL28023 Datasheet HTML 9Page - Intersil Corporation ISL28023 Datasheet HTML 10Page - Intersil Corporation ISL28023 Datasheet HTML 11Page - Intersil Corporation ISL28023 Datasheet HTML 12Page - Intersil Corporation ISL28023 Datasheet HTML 13Page - Intersil Corporation ISL28023 Datasheet HTML 14Page - Intersil Corporation ISL28023 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
ISL28023
11
FN8389.5
March 18, 2016
Submit Document Feedback
Only ADC in Idle Mode
All other blocks are disabled
640
705
µA
Only Threshold Detectors
All three detectors are active
760
945
µA
Only Margin DAC
All other blocks are disabled
240
286
µA
Fully Enabled Chip Current
All functional blocks enabled
1240
1545
µA
Fully Disabled Chip Current
All functional blocks disabled
5
15
µA
Ivreg_in
Voltage Regulator
Vreg_in = 4.5V to 60V; Rload = open
26
35
µA
Ii2cvcc
I2C Supply Current
SMBCLK = 100kHz; I2CVCC = 3.3V
15
µA
Ii2cvcc_pd
I2C Idle Supply Current
Input signals are static
100
nA
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Compliance to datasheet limits is assured by one or
more of the following methods: production test, characterization and design.
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP-VINM = 80mV, AUXP-AUXM = 80mV,
AuxV = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT


Similar Part No. - ISL28023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023EVAL1Z INTERSIL-ISL28023EVAL1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
logo
Renesas Technology Corp
ISL28023EVAL1Z RENESAS-ISL28023EVAL1Z Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28023EVKIT1Z INTERSIL-ISL28023EVKIT1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
More results

Similar Description - ISL28023

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com