Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29033 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL29033
Description  Simple output code directly proportional to lux
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29033 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29033 Datasheet HTML 2Page - Intersil Corporation ISL29033 Datasheet HTML 3Page - Intersil Corporation ISL29033 Datasheet HTML 4Page - Intersil Corporation ISL29033 Datasheet HTML 5Page - Intersil Corporation ISL29033 Datasheet HTML 6Page - Intersil Corporation ISL29033 Datasheet HTML 7Page - Intersil Corporation ISL29033 Datasheet HTML 8Page - Intersil Corporation ISL29033 Datasheet HTML 9Page - Intersil Corporation ISL29033 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ISL29033
6
FN7656.5
September 28, 2016
Submit Document Feedback
Principles of Operation
Photodiodes and ADC
The ISL29033 contains two photodiode arrays that convert light
into current. The spectral response for ambient light sensing and
infrared (IR) sensing is shown in Figure 8 on page 12. After light
is converted to current during the light signal process, the current
output is converted to digital by a built-in 16-bit Analog-to-Digital
Converter (ADC). An I2C command reads the ambient light or IR
intensity in counts.
The converter is a charge-balancing integrating type 16-bit ADC.
The chosen method for conversion is best for converting small
current signals in the presence of an AC periodic noise. A 100ms
integration time, for instance, highly rejects a 50Hz and 60Hz
power line noise simultaneously. See “Integration and
Conversion Time” on page 9.
The built-in ADC offers user flexibility in integration time or
conversion time. There are two timing modes: Internal timing
mode and external timing mode. In internal timing mode,
integration time is determined by an internal oscillator (fOSC) and
the n-bit (n = 4, 8, 12, 16) counter inside the ADC. In external
timing mode, integration time is determined by the time between
two consecutive I2C External Timing Mode commands. A good
balance of integration time and resolution (depending on
application) is required for optimal results.
The ADC has an I2C programmable range select to dynamically
accommodate various lighting conditions. For very dim conditions,
the ADC can be configured at its lowest range (Range 1) in the
ambient light sensing.
Low-Power Operation
The ISL29033 initial operation is at the power-down mode after a
supply voltage is provided. The data registers contain the default
value of 0. When the ISL29033 receives an I2C command to do a
one-time measurement from an I2C master, it starts an ADC
conversion with light sensing. It goes to power-down mode
automatically after one conversion is finished and keeps the
conversion data available for the master to fetch anytime
afterwards. The ISL29033 continuously does the ADC conversion
with light sensing if it receives an I2C command of continuous
measurement. It continuously updates the data registers with
the latest conversion data. The ISL29033 goes to power-down
mode after it receives the I2C command of power-down.
Ambient Light
There are two operational modes in ISL29033: programmable
continuous ALS sensing and programmable continuous IR
sensing. These two modes can be programmed in series to fulfill
the application needs. The detailed program configuration is
shown in the Figure 1 on page 1.
When the part is programmed for ambient light sensing, the
ambient light with wavelength within the “Ambient Light
Sensing” spectral response curve in Figure 8 is converted into
current. With ADC, the current is converted to an unsigned n-bit
(up to 16 bits) digital output.
When the part is programmed for infrared (IR) sensing, the IR
light with wavelength within the “IR Sensing” spectral response
curve in Figure 8 is converted into current. With ADC, the current
is converted to an unsigned n-bit (up to 16 bits) digital output.
Interrupt Function
The active low-interrupt pin is an open-drain pull-down
configuration. The interrupt pin serves as an alarm or monitoring
function to determine whether the ambient light level exceeds
the upper threshold or goes below the lower threshold. Note that
the function of ADC conversion continues without stopping after
interrupt is asserted. If the user needs to read the ADC count that
triggers the interrupt, reading should be done before the data
registers are refreshed by subsequent conversions. The user can
also configure the persistency of the interrupt pin. This reduces
the possibility of false triggers, such as noise or sudden spikes in
ambient light conditions. An unexpected camera flash, for
example, can be ignored by setting the persistency to eight
integration cycles.
ALS Ranges Considerations
When measuring ALS counts higher than 30000 counts on
Range 1 of the 16-bit ADC, switch to Range 2 (change [1 to 0]
bits of Register 1 from 00 to 01) and remeasure the ALS counts
and other data to change to Range 3 and Range 4. This
recommendation pertains only to applications in which light
incident on the sensor is IR-heavy and is distorted by tinted glass
that increases the ratio of infrared to visible light.
VDD Power-Up and Power Supply
Considerations
Upon power-up, ensure a VDD slew rate of 0.5V/ms or greater.
After power-up, or if the power supply temporarily deviates from
specification (2.25V to 3.63V), the following step is
recommended: write 0x00 to register 0x00. Wait a few seconds
and then rewrite all registers to the desired values. A hardware
reset method can be used, if preferred, instead of writing to the
test registers. For this method, set VDD =0V for 1 second or more,
power back up at the required slew rate and write the registers to
the desired values.
Power-Down
To put the ISL29033 into a power-down state, the user can set
[7 to 5] bits to 0 in Register 0. Or more simply, set all of
Register 0 to 0x00.
I2C Interface
There are eight 8-bit registers available inside the ISL29033. The
two command registers define the operation of the device. The
command registers do not change until the registers are
overwritten. The two 8-bit data read-only registers are for the ADC
output. The data registers contain the ADC's latest digital output,
or the number of clock cycles in the previous integration period
(Figure 2 on page 7).
The ISL29033 I2C interface slave address is internally hard-wired as
1000100. When 1000100x, with x as R or W, is sent after the start
condition, the device compares the first seven bits of this byte to its
address and matches. Figure 3 on page 7 shows a sample one-
byte read and Figure 4 on page 8 shows a sample one-byte write.
The I2C bus master always drives the SCL (clock) line, while either
the master or the slave can drive the SDA (data) line. Every I2C


Similar Part No. - ISL29033

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033 INTERSIL-ISL29033 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033 INTERSIL-ISL29033 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
More results

Similar Description - ISL29033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-VNH5019-P1 STMICROELECTRONICS-EVAL-VNH5019-P1 Datasheet
94Kb / 3P
   Current sense output proportional to motor current
logo
Zowie Technology Corpor...
LX10M ZOWIE-LX10M Datasheet
64Kb / 2P
   Lux-Bridge
logo
ASM GmbH
FT3424 ASM-SENSOR-FT3424 Datasheet
1Mb / 4P
   LUX METER
logo
Zowie Technology Corpor...
LX08M ZOWIE-LX08M Datasheet
69Kb / 2P
   Lux-Bridge
logo
Lite-On Technology Corp...
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
   Directly connectable to TTL
logo
Linear Technology
LTC2996 LINER-LTC2996 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
logo
IK Semicon Co., Ltd
IN74HCT04A IKSEMICON-IN74HCT04A Datasheet
185Kb / 5P
   Outputs Directly Interface to CMOS
logo
Lite-On Technology Corp...
LTV713V LITEON-LTV713V Datasheet
220Kb / 10P
   DIRECTLY CONNECTABLE TO TTL
logo
IK Semicon Co., Ltd
IN74HCT10A IKSEMICON-IN74HCT10A Datasheet
186Kb / 5P
   Outputs Directly Interface to CMOS
IN74HCT08A IKSEMICON-IN74HCT08A Datasheet
185Kb / 5P
   Outputs Directly Interface to CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com