Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A126S1YZQ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A126S1YZQ
Description  Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A126S1YZQ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A126S1YZQ Datasheet HTML 2Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 3Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 4Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 5Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 6Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 7Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 8Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 9Page - List of Unclassifed Manufacturers A126S1YZQ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BUSHING OPTIONS
4
CX
Threaded with Lever Seal
Y
Threaded
Y9
Smooth (No Keyway)
Y91
Smooth w / Keyway
H4
8mm Threaded High Torque
Y1
(.370”) Threaded High Torque
Y4
(.370”) Flat Threaded High Torque
CW
Splashproof Sealed Lever and Panel Seal
TW
Splashproof Sealed Lever and Panel Seal
P
Anti-Rotation
H3
High Torque
H31
(.315”) Threaded High Torque
Y5
Long Bushing (.437”)
T&TX
Bushing for T, T1 and T2 Bats
D
Threaded
H
High Torque Flatted with Shoulder
D9
Smooth (No Keyway)
D91
Smooth w / Keyway
D8
Smooth w / Flat
Add 0.070 to actuator length when using a .280 long bushing.
Will withstand 12 in-lbs of torque with no distortion.
Anti rotation for 15/32” bushing not done w/pin.
Will withstand 12 in-lbs of torque with no distortion.


Similar Part No. - A126S1YZQ

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLT-T ALLEGRO-A1260ELHLT-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLX-T ALLEGRO-A1260ELHLX-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260EUA-T1 ALLEGRO-A1260EUA-T1 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
Vishay Siliconix
A1260HE VISHAY-A1260HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
More results

Similar Description - A126S1YZQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A121K11CWABP ETC2-A121K11CWABP Datasheet
360Kb / 6P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT121L01D1AB ETC2-WT121L01D1AB Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
logo
JMK Inc.
EF-0772-6B JMK-EF-0772-6B Datasheet
243Kb / 1P
   Operating Voltage= 115/240 Vac OperatingCurrentMax= 6 amp
logo
American Zettler, Inc.
SGC-4F AZETTLER-SGC-4F Datasheet
73Kb / 2P
   SOLID STATE RELAY 2 AMP 250 VAC
logo
JMK Inc.
KK-0851-35 JMK-KK-0851-35 Datasheet
114Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
EA-1013-12A JMK-EA-1013-12A Datasheet
32Kb / 1P
   Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
logo
Schneider Electric
8501XDO60V62 SCHNEIDER-8501XDO60V62 Datasheet
106Kb / 2P
   NEMA Control Relay, Type X, machine tool, 10A resistive at 600 VAC, 6 normally open contacts, 115/125 VDC coil
logo
List of Unclassifed Man...
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
logo
JMK Inc.
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com