Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A221S1YZQ Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A221S1YZQ
Description  Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A221S1YZQ Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A221S1YZQ Datasheet HTML 3Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 4Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 5Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 6Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 7Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 8Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 9Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 10Page - List of Unclassifed Manufacturers A221S1YZQ Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TERMINATION / MOUNTING SWITCHES
5
Printed
Circuit
Wire-Wrap
Wire-Wrap
Wire-Wrap
Wire-Wrap
Standard
Quick
Connect
TERMINATION SWITCHES
EXTENDED TERMINAL OPTIONS (Right Angle PC Terminals)
C
W
W1
W3
W4
Z
Z3
ONE POLE
TWO POLE
THREE POLE
A
Right Angle PC
Std. Right Angle Snap in
A
Right Angle PC
Std. Right Angle Snap in
A
A3
A3
A3
Right Angle PC
Std. Right Angle Snap in
AW
AW1
AW3
AW4
Right Angle, Extended
PC Thru-Hole
AW
AW1
AW4
Right Angle, Extended
PC Thru-Hole
AW4
Right Angle, Extended
PC Thru-Hole
OPTION
CODE
DIM ”A”
AW
.50
AW1
.72
AW3
.20
AW4
.83
OPTION
CODE
DIM ”A”
AW
.19
AW1
.40
AW4
.50
Not available in K,L, and M contact materials.
Terminal bend radii manufacturing option.
Terminal bend radii manufacturing option.
Terminal bend radii manufacturing option.
ONE POLE
TWO POLE
THREE POLE
Snap in
Snap in
Snap in
.33


Similar Part No. - A221S1YZQ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
logo
AiT Semiconductor Inc.
A2211 AITSEMI-A2211 Datasheet
842Kb / 16P
   CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
logo
Vishay Siliconix
A22115C0GL5 VISHAY-A22115C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
logo
AiT Semiconductor Inc.
A2211MS8R AITSEMI-A2211MS8R Datasheet
842Kb / 16P
   CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
A2211MS8VR AITSEMI-A2211MS8VR Datasheet
842Kb / 16P
   CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
More results

Similar Description - A221S1YZQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A121K11CWABP ETC2-A121K11CWABP Datasheet
360Kb / 6P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
WT121L01D1AB ETC2-WT121L01D1AB Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
logo
JMK Inc.
EF-0772-6B JMK-EF-0772-6B Datasheet
243Kb / 1P
   Operating Voltage= 115/240 Vac OperatingCurrentMax= 6 amp
logo
American Zettler, Inc.
SGC-4F AZETTLER-SGC-4F Datasheet
73Kb / 2P
   SOLID STATE RELAY 2 AMP 250 VAC
logo
JMK Inc.
KK-0851-35 JMK-KK-0851-35 Datasheet
114Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
EA-1013-12A JMK-EA-1013-12A Datasheet
32Kb / 1P
   Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
logo
Schneider Electric
8501XDO60V62 SCHNEIDER-8501XDO60V62 Datasheet
106Kb / 2P
   NEMA Control Relay, Type X, machine tool, 10A resistive at 600 VAC, 6 normally open contacts, 115/125 VDC coil
logo
List of Unclassifed Man...
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
logo
JMK Inc.
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com