Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85005 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL85005
Description  4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85005 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL85005 Datasheet HTML 6Page - Intersil Corporation ISL85005 Datasheet HTML 7Page - Intersil Corporation ISL85005 Datasheet HTML 8Page - Intersil Corporation ISL85005 Datasheet HTML 9Page - Intersil Corporation ISL85005 Datasheet HTML 10Page - Intersil Corporation ISL85005 Datasheet HTML 11Page - Intersil Corporation ISL85005 Datasheet HTML 12Page - Intersil Corporation ISL85005 Datasheet HTML 13Page - Intersil Corporation ISL85005 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ISL85005, ISL85005A
10
FN8871.0
November 28, 2016
Submit Document Feedback
FIGURE 12. PG DELAY (FALLING) vs JUNCTION TEMPERATURE
FIGURE 13. PG DELAY (RISING) vs JUNCTION TEMPERATURE
FIGURE 14. FORWARD OCP THRESHOLD vs JUNCTION TEMPERATURE
FIGURE 15. LOW-SIDE REVERSE OCP THRESHOLD vs JUNCTION
TEMPERATURE
FIGURE 16. HIGH-SIDE rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 17. LOW-SIDE rDS(ON) vs JUNCTION TEMPERATURE
Typical Characteristics V
IN = 12V, TA = +25°C, unless otherwise noted. (Continued)
10
12
14
16
18
20
22
24
26
28
-40
-25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (oC)
0.4
0.8
1.2
1.6
2.0
2.4
-40
-25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (oC)
4
5
6
7
8
9
10
11
12
-40
-25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (oC)
HIGH SIDE MOSFET
LOW SIDE MOSFET
-6
-5
-4
-3
-2
-1
0
-40
-25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (oC)
0
10
20
30
40
50
60
70
80
-40
-25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (oC)
0
10
20
30
40
50
60
70
80
-40
-25
-10
5
20
35
50
65
80
95
110 125
JUNCTION TEMPERATURE (oC)


Similar Part No. - ISL85005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85005 RENESAS-ISL85005 Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
ISL85005A RENESAS-ISL85005A Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85005A RENESAS-ISL85005A Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
ISL85005ADEMO1Z RENESAS-ISL85005ADEMO1Z Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL85005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
logo
Intersil Corporation
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
logo
Renesas Technology Corp
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com