Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80020IRZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL80020IRZ-T
Description  Compact Synchronous Buck Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80020IRZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL80020IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL80020IRZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL80020, ISL80020A, ISL80015, ISL80015A
8
FN6692.3
June 5, 2015
Submit Document Feedback
Typical Performance Curves
FIGURE 4. EFFICIENCY vs LOAD, fSW = 1MHz, VIN = 3.3V,
TA = +25°C
FIGURE 5. EFFICIENCY vs LOAD, fSW = 2MHz, VIN = 3.3V,
TA = +25°C
FIGURE 6. EFFICIENCY vs LOAD, fSW = 1MHz, VIN = 5V, TA = +25°C
FIGURE 7. EFFICIENCY vs LOAD, fSW = 2MHz, VIN = 5V, TA = +25°C
FIGURE 8. VOUT REGULATION vs LOAD, fSW = 2MHz, VOUT = 1.5V, TA
= +25°C
FIGURE 9. VOUT REGULATION vs LOAD, fSW = 2MHz, VOUT = 1.8V,
TA = +25°C
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.8VOUT
1.5VOUT
2.5VOUT
1.2VOUT
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.8VOUT
1.5VOUT
1.2VOUT
2.5VOUT
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.8VOUT
1.5VOUT
3.3VOUT
2.5VOUT
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.8VOUT
1.5VOUT
2.5VOUT
3.3VOUT
1.490
1.495
1.500
1.505
1.510
1.515
1.520
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
5VIN
3.3VIN
1.780
1.785
1.790
1.795
1.800
1.805
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8 2.0
OUTPUT LOAD (A)
1.810
3.3VIN
5VIN


Similar Part No. - ISL80020IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80020IRZ-T RENESAS-ISL80020IRZ-T Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
ISL80020IRZ-T7A RENESAS-ISL80020IRZ-T7A Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
More results

Similar Description - ISL80020IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80020 RENESAS-ISL80020 Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
logo
Texas Instruments
TPS544B20 TI1-TPS544B20_16 Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8023 INTERSIL-ISL8023_12 Datasheet
710Kb / 20P
   Compact Synchronous Buck Regulator
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com