Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80020FRZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL80020FRZ-T
Description  Compact Synchronous Buck Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80020FRZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL80020FRZ-T Datasheet HTML 3Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 4Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 5Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 6Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 7Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 8Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 9Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 10Page - Intersil Corporation ISL80020FRZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL80020, ISL80020A, ISL80015, ISL80015A
7
FN6692.3
June 5, 2015
Submit Document Feedback
OSCILLATOR
Nominal Switching Frequency
fSW
ISL80020, ISL80015
800
1000
1200
kHz
ISL80020A, ISL80015A
1640
2000
2360
kHz
PG
Output Low Voltage
1mA sinking current
0.3
V
Delay Time (Rising Edge)
0.5
1
2.5
ms
PGOOD Delay Time (Falling Edge)
5µs
PG Pin Leakage Current
PG = VIN
0.01
0.1
µA
OVP PG Rising Threshold
110
115
125
%
OVP PG Hysteresis
2%
UVP PG Rising Threshold
80
85
90
%
UVP PG Hysteresis
5%
EN LOGIC
Logic Input Low
0.4
V
Logic Input High
1.4
V
Logic Input Leakage Current
IEN
Pulled up to 5.5V
0.1
1
µA
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Not tested in production. Characterized using evaluation board. Refer to Figures 8 through 11 load regulation diagrams. +105°C TA represents near
worst case operating point.
Electrical Specifications TA = -40°C to +125°C, VIN = 2.7V to 5.5V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply across the junction operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS


Similar Part No. - ISL80020FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80020FRZ-T RENESAS-ISL80020FRZ-T Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
ISL80020FRZ-T7A RENESAS-ISL80020FRZ-T7A Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
More results

Similar Description - ISL80020FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80020 RENESAS-ISL80020 Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
logo
Texas Instruments
TPS544B20 TI1-TPS544B20_16 Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8023 INTERSIL-ISL8023_12 Datasheet
710Kb / 20P
   Compact Synchronous Buck Regulator
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com