Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-KExxx-100-WH Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TBU-KExxx-100-WH
Description  High Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-KExxx-100-WH Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TBU-KExxx-100-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-KExxx-100-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-KExxx-100-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-KExxx-100-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-KExxx-100-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-KExxx-100-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Reflow Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBU-KE Series - TBU® High Speed Protectors
Performance Graphs (Continued)
Power Derating Curve
Typical Resistance vs. Temperature
No additional PCB Cu
0.5 sq. in. additional PCB CU
Junction Temperature (°C)
20
3.0
2.5
2.0
1.5
1.0
0.5
0.0
40
60
80
100
120
140
2.2
1.6
1.8
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75 -50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)


Similar Part No. - TBU-KExxx-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-KE025-050-WH BOURNS-TBU-KE025-050-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-KE025-050-WH BOURNS-TBU-KE025-050-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-KE025-050-WH BOURNS-TBU-KE025-050-WH Datasheet
539Kb / 6P
   TBU-KE Series - TBU High-Speed Protectors
TBU-KE025-100-WH BOURNS-TBU-KE025-100-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-KE025-100-WH BOURNS-TBU-KE025-100-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
More results

Similar Description - TBU-KExxx-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
   High-Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
   High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com