Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

58166--4 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 58166--4
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

58166--4 Datasheet(HTML) 5 Page - Tyco Electronics

  58166--4 Datasheet HTML 1Page - Tyco Electronics 58166--4 Datasheet HTML 2Page - Tyco Electronics 58166--4 Datasheet HTML 3Page - Tyco Electronics 58166--4 Datasheet HTML 4Page - Tyco Electronics 58166--4 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 9039
Crimping Die Assemblies 58166- [ ] for SDL Connectors
5
of 5
Rev F
Tyco Electronics Corporation
DIE ASSEMBLY
REPLACEABLE PARTS FOR DIE ASSEMBLIES 58166--[ ]
DIE ASSEMBLY
PART NUMBER
ITEM NO.
PART NUMBER
DESCRIPTION
QTY PER DIE ASSY
58166--1
58166--2
6
312726--1
ANVIL, Braid
1
58166--3
58166--4
1--58166--1
1--58166--9
6
312726--2
ANVIL, Braid
1
58166--5
1--58166--2
1--58166--7
1--58166--8
6
312726--3
ANVIL, Braid
1
58166--7
1--58166--3
2--58166--0
2--58166--1
6
312727--1
ANVIL, Braid
1
58166--1
58166--2
7
312728--1
INDENTER, Braid
1
58166--3
58166--4
1--58166--1
1--58166--9
7
312728--2
INDENTER, Braid
1
58166--5
1--58166--2
1--58166--7
1--58166--8
7
312728--3
INDENTER, Braid
1
58166--7
1--58166--3
2--58166--0
2--58166--1
7
312728--4
INDENTER, Braid
1
58166--1
8
313111--7
INDENTER, Insulation
1
58166--2
1--59166--7
2--58166--1
8
313111--6
INDENTER, Insulation
1
58166--3
8
313111--1
INDENTER, Insulation
1
58166--5
8
313111--8
INDENTER, Insulation
1
58166--7
8
313111--9
INDENTER, Insulation
1
1--58166--1
8
313111--2
INDENTER, Insulation
1
1--58166--2
8
313111--3
INDENTER, Insulation
1
1--58166--3
8
313111--4
INDENTER, Insulation
1
1--58166--8
8
1--313111--0
INDENTER, Insulation
1
1--58166--9
8
1--313111--1
INDENTER, Insulation
1
2--58166--0
8
1--313111--2
INDENTER, Insulation
1
58166--4D
8
312730--3
312731--1
22973--2
INDENTER, Insulation
1
D
Requires one of each part number.
Figure 5 (end)


Similar Part No. - 58166--4

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5816 ALLEGRO-5816 Datasheet
87Kb / 4P
   4-TO-16 LINE LATCHED DECODER/DRIVERS
logo
List of Unclassifed Man...
5816 ETC-5816 Datasheet
462Kb / 6P
   738A ADEMCO™ INTERFACE
More results

Similar Description - 58166--4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com