Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-PK085-100-WH Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # TBU-PK085-100-WH
Description  High-Speed Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-PK085-100-WH Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  TBU-PK085-100-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-PK085-100-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-PK085-100-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-PK085-100-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-PK085-100-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-PK085-100-WH Datasheet HTML 6Page - Bourns Electronic Solutions TBU-PK085-100-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3312 - 2 mm SMD Trimming Potentiometer
TBU-PK Series - TBU® High-Speed Protectors
Reflow Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.
How to Order
TBU - PK 085 - 100 - WH
TBU® Product
Series
PK = Dual Bidirectional Series
Impulse Voltage Rating
050 = 500 V
060 = 600 V
075 = 750 V
085 = 850 V
Trigger Current
100 = 100 mA
Hold to Trip Ratio Suffix
W = Hold to Trip Ratio
Package Suffix
H = DFN Package
Typical Part Marking
PIN 1
MANUFACTURING
DATE CODE
- 1ST DIGIT INDICATES THE YEAR’S 6-MONTH PERIOD.
- 2ND DIGIT INDICATES THE WEEK NUMBER IN THE 6-MONTH PERIOD.
- 3RD & 4TH DIGITS INDICATE SPECIFIC LOT FOR THE WEEK.
6-MONTH PERIOD CODES:
A = JAN-JUN 2009
C = JAN-JUN 2010
E = JAN-JUN 2011
B = JUL-DEC 2009
D = JUL-DEC 2010
F = JUL-DEC 2011
MANUFACTURER’S
TRADEMARK
PRODUCT CODE
- 1ST DIGIT INDICATES PRODUCT FAMILY:
K = TBU-PK SERIES
- 2ND & 3RD DIGITS INDICATE IMPULSE VOLTAGE:
50 = 500 V
60 = 600 V
75 = 750 V
85 = 850 V
- 4TH DIGIT INDICATES TRIGGER CURRENT:
1 = 100 mA
Device Pin Out
Pad #
Pin Out
1
Line 1
2Vdd (SLIC Ground or 0 V)
3
Not Used
4
Line 1 SLIC
5
Line 2 SLIC
6Vss (SLIC Negative Supply or
-Vbat)
7
Not Used
8
Line 2
Pad Designation
5
8
4
1
2
6
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - TBU-PK085-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
812Kb / 7P
   TBU-PK Series - TBU High-Speed Protectors
More results

Similar Description - TBU-PK085-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
   High Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
   High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com