Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-KE050-200-WH Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TBU-KE050-200-WH
Description  High Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-KE050-200-WH Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TBU-KE050-200-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-KE050-200-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-KE050-200-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-KE050-200-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-KE050-200-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-KE050-200-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Superior circuit protection
Overcurrent and overvoltage protection
Blocks surges up to rated limits
High speed performance
Small SMT package
RoHS compliant*
Agency recognition:
Applications
Set top box LNB ports
Protection modules and dongles
Process control equipment
Test and measurement equipment
General electronics
TBU-KE Series - TBU® High Speed Protectors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
The TBU-KE Series of Bourns® TBU®
(Transient Blocking Unit) products are very
low capacitance unidirectional high speed
surge protection components designed to protect
against faults caused by short circuits, AC
power cross, induction and lightning surges.
The TBU-KE is a unidirectional TBU® device: the TBU® protector will trip in less than
1
μs when the current reaches the maximum value in one direction only, that is when
Pin 1 is positive in voltage with respect to Pin 2. No current limiting exists in the oppo-
site polarity, and the TBU® protector appears as resistive in nature. The reverse current
should not exceed the maximum trip current level of the TBU® device. An external
diode may be used to prevent reverse current in DC biased applications.
The TBU® protector blocks surges and provides an effective barrier behind which sen-
sitive electronics will not be exposed to large voltages or currents during surge events.
After the surge, the TBU® device resets when the voltage across the TBU® device falls
to the Vreset level. The TBU
® device will automatically reset on lines which have no DC
bias or have DC bias below Vreset (such as unpowered signal lines).
The TBU® device is provided in a surface mount DFN package and meets industry
standard requirements such as RoHS and Pb Free solder reflow profiles.
Agency Approval
Description
UL
File Number: E315805
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Part Number
Value
Unit
Vimp
Peak impulse voltage withstand with duration less than 10 ms
TBU-KE025-xxx-WH
TBU-KE040-xxx-WH
TBU-KE050-xxx-WH
250
400
500
V
Vrms
Continuous A.C. RMS voltage
TBU-KE025-xxx-WH
TBU-KE040-xxx-WH
TBU-KE050-xxx-WH
100
200
250
V
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-65 to +150
°C
E2550
0072
TBU® Device
Line Side
12
Load Side
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - TBU-KE050-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-KE050-200-WH BOURNS-TBU-KE050-200-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-KE050-200-WH BOURNS-TBU-KE050-200-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-KE050-200-WH BOURNS-TBU-KE050-200-WH Datasheet
539Kb / 6P
   TBU-KE Series - TBU High-Speed Protectors
More results

Similar Description - TBU-KE050-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
   High-Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
   High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com