Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA172SAPL Datasheet(PDF) 1 Page - ORION FANS

Part # OA172SAPL
Description  AC Fan - 115V, 230V 172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA172SAPL Datasheet(HTML) 1 Page - ORION FANS

  OA172SAPL_16 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
15
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA172SAPL Series
AC Fan - 115V, 230V
172 x 150 x 38mm (6.7”x 5.9”x 1.5”)
Frame
DiecastAluminum
OperatingTemperature
Ball Bearing
-20C ~ +80C
Storage Temp
-40C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Weight: ~ 1.6 lbs.
Impeller
PBT, UL94V-0 plastic
Connection
2x Lead Wires orTerminals
Motor
Capacitor drive, thermally
protected
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
* Indicate “TB” forTerminal type or “WB” for Wire Leads
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts AC Voltage Range Watts
Max. Static
Pressure
(“H2O)
OA172SAPL-11-1 *
3400
228
58
115
103~126
28
0.87
OA172SAPL-11-2 *
2750
162
50
115
103~126
27
0.35
OA172SAPL-11-3 *
1700
103
44
115
103~126
26
0.26
OA172SAPL-22-1 *
3400
228
58
230
160~260
28
0.87
OA172SAPL-22-3 *
1700
103
44
230
160~260
26
0.26
m2
(6.77")
(6.38")
(0.20")
(0.20")
(0.115")
(.866")
(2.15")
(5.75")
4.20.2 (.166") DIA. HOLE THRU
BOTH WALLS (4 PLACES)
M
146
172
162
5
5
2.921
22
54.5
AIR FLOW
(1.52")
38.50.5


Similar Part No. - OA172SAPL_16

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172SAPL-11-1 ORIONFANS-OA172SAPL-11-1 Datasheet
100Kb / 1P
   172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAPL-11-1 ORIONFANS-OA172SAPL-11-1 Datasheet
114Kb / 1P
   172x150x38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAPL-11-2 ORIONFANS-OA172SAPL-11-2 Datasheet
100Kb / 1P
   172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAPL-11-2 ORIONFANS-OA172SAPL-11-2 Datasheet
114Kb / 1P
   172x150x38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAPL-11-3 ORIONFANS-OA172SAPL-11-3 Datasheet
100Kb / 1P
   172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
More results

Similar Description - OA172SAPL_16

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172SAPL ORIONFANS-OA172SAPL Datasheet
100Kb / 1P
   172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
OA5920 ORIONFANS-OA5920_16 Datasheet
368Kb / 1P
   AC Fan - 115V, 230V 172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172SAP ORIONFANS-OA172SAP_16 Datasheet
128Kb / 1P
   AC Fan - 115V, 230V 172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172AP ORIONFANS-OA172AP_16 Datasheet
678Kb / 1P
   AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
OA172SAPXC ORIONFANS-OA172SAPXC Datasheet
98Kb / 1P
   AC Fan - 115V, 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAP-IP55 ORIONFANS-OA172SAP-IP55 Datasheet
594Kb / 1P
   AC FAN - 115V , 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172S ORIONFANS-OA172S Datasheet
127Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172SAP ORIONFANS-OA172SAP Datasheet
109Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA5920 ORIONFANS-OA5920 Datasheet
114Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA162 ORIONFANS-OA162_16 Datasheet
383Kb / 1P
   AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com