Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3283E Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL3283E
Description  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3283E Datasheet(HTML) 4 Page - Intersil Corporation

  ISL3283E Datasheet HTML 1Page - Intersil Corporation ISL3283E Datasheet HTML 2Page - Intersil Corporation ISL3283E Datasheet HTML 3Page - Intersil Corporation ISL3283E Datasheet HTML 4Page - Intersil Corporation ISL3283E Datasheet HTML 5Page - Intersil Corporation ISL3283E Datasheet HTML 6Page - Intersil Corporation ISL3283E Datasheet HTML 7Page - Intersil Corporation ISL3283E Datasheet HTML 8Page - Intersil Corporation ISL3283E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
4
FN6543.4
July 27, 2015
Submit Document Feedback
Truth Table
RECEIVING
INPUTS
OUTPUT
RE, RE
A - B
RO
1, 0
≥ -0.05V
1
1, 0
≤ -0.2V
0
1, 0
Inputs Open/Shorted
1
0, 1
X
High-Z*
NOTE: *Shutdown Mode, except for ISL3280E, ISL3284E
Pin Descriptions
PIN NAME
FUNCTION
RO
Receiver output: If A - B
 -50mV, RO is high; If A - B  -200mV, RO is low; RO = High if A and B are unconnected (floating) or shorted.
RE, RE
Receiver output enable. RO is enabled when RE/RE is high / low; RO is high impedance when RE/RE is low/high. If the Rx enable function
is not used, connect RE directly to GND, or connect RE through a 1kΩ, or greater, resistor to VCC. RE/RE are internally pulled low/high.
GND
Ground connection. This is also the potential of the TDFN thermal pad.
A
±16.5kV IEC61000 ESD protected RS-485, RS-422 level, noninverting receiver input.
B
±16.5kV IEC61000 ESD protected RS-485, RS-422 level, inverting receiver input.
VCC
System power supply input (3.0V to 5.5V). On devices with a VL pin powered from a separate supply, power-up VCC first.
VL
Logic-level supply, which sets the VIL / VIH levels for the RE (ISL3282E only) and RE (ISL3285E only) pins and sets the VOH level of the RO
output (ISL3282E, ISL3284E, ISL3285E only). If VL and VCC are different supplies, power-up this supply after VCC and keep VL ≤ VCC.
NC
No Connection.
Typical Operating Circuits
FIGURE 1. NETWORK WITH ENABLES
0.1µF
+
R
6
4
1
3
5
2
VCC
GND
RO
RE
B
A
+3.3V TO 5V
0.1µF
+
D
4
6
2
3
1
5
VCC
GND
DE
DI
Z
Y
RT
+3.3V
ISL3281E
ISL329xE


Similar Part No. - ISL3283E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3283E INTERSIL-ISL3283E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
ISL3283E INTERSIL-ISL3283E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3283E INTERSIL-ISL3283E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3283E RENESAS-ISL3283E Datasheet
944Kb / 16P
   Clock distribution
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results

Similar Description - ISL3283E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com