Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3171EIUZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL3171EIUZ
Description  ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3171EIUZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL3171EIUZ Datasheet HTML 1Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 2Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 3Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 4Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 5Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 6Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 7Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 8Page - Intersil Corporation ISL3171EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6307.5
June 8, 2012
Pinouts
ISL3172E, ISL3175E, ISL3178E
(8 LD MSOP, SOIC)
TOP VIEW
ISL3171E, ISL3174E, ISL3177E
(8 LD MSOP, SOIC)
TOP VIEW
ISL3170E, ISL3173E, ISL3176E
(10 LD MSOP)
TOP VIEW
ISL3170E, ISL3173E, ISL3176E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information
PART NUMBER (Notes 1, 2, 3)
PART MARKING
TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL3170EIBZ
3170EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3170EIUZ
3170Z
-40 to +85
10 Ld MSOP
M10.118
ISL3171EIBZ
3171 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3171EIUZ
3171Z
-40 to +85
8 Ld MSOP
M8.118
ISL3172EIBZ
3172 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3172EIUZ
3172Z
-40 to +85
8 Ld MSOP
M8.118
ISL3173EIBZ
3173EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3173EIUZ
3173Z
-40 to +85
10 Ld MSOP
M10.118
ISL3174EIBZ
3174 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3174EIUZ
3174Z
-40 to +85
8 Ld MSOP
M8.118
ISL3175EIBZ
3175 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3175EIUZ
3175Z
-40 to +85
8 Ld MSOP
M8.118
ISL3176EIBZ
3176EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3176EIUZ
3176Z
-40 to +85
10 Ld MSOP
M10.118
ISL3177EIBZ
3177 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3177EIUZ
3177Z
-40 to +85
8 Ld MSOP
M8.118
ISL3178EIBZ
3178 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3178EIUZ
3178Z
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E,ISL3175E,
ISL3176E, ISL3177E, ISL3178E. For more information on MSL please see tech brief TB363.
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E


Similar Part No. - ISL3171EIUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3171EIUZ INTERSIL-ISL3171EIUZ Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3171EIUZ INTERSIL-ISL3171EIUZ Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3171EIUZ INTERSIL-ISL3171EIUZ Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3171EIUZ RENESAS-ISL3171EIUZ Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3171EIUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E_V01 Datasheet
1Mb / 24P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Rev.6.05 Sep 29, 2023
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3173EIBZ-T INTERSIL-ISL3173EIBZ-T Datasheet
770Kb / 19P
   15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3178AE RENESAS-ISL3178AE Datasheet
552Kb / 14P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
October 30, 2014
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com