Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3284EIHZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL3284EIHZ-T
Description  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3284EIHZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL3284EIHZ-T Datasheet HTML 6Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 7Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 8Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 9Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 10Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 11Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 12Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 13Page - Intersil Corporation ISL3284EIHZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
10
FN6543.4
July 27, 2015
Submit Document Feedback
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipment, rather
than to an individual IC. Therefore, the pins most likely to suffer
an ESD event are those that are exposed to the outside world (the
RS-485 pins in this case) and the IC is tested in its typical
application configuration (power applied) rather than testing
each pin-to-pin combination. The lower current limiting resistor
coupled with the larger charge storage capacitor yields a test
that is much more severe than the HBM test. The extra ESD
protection built into this device’s RS-485 pins allows the design
of equipment meeting level 4 criteria without the need for
additional board level protection on the RS-485 port.
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the IC pin
until the voltage arcs to it. The current waveform delivered to the
IC pin depends on approach speed, humidity, temperature, etc.,
so it is difficult to obtain repeatable results. The A and B RS-485
pins withstand ±16.5kV air-gap discharges.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the tested
pin before the probe tip is energized, thereby eliminating the
variables associated with the air-gap discharge. The result is a
more repeatable and predictable test, but equipment limits
prevent testing devices at voltages higher than ±9kV. The
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
survive ±9kV contact discharges on the RS-485 pins.
Data Rate, Cables and Terminations
RS-485, RS-422 are intended for network lengths up to 4000’,
but the maximum system data rate decreases as the
transmission length increases. Networks operating at 20Mbps
are limited to lengths less than 100’, while a 250kbps network
that uses slew rate limited transmitters can operate at that data
rate over lengths of several thousand feet.
Twisted pair is the cable of choice for RS-485, RS-422 networks.
Twisted pair cables tend to pick up noise and other
electromagnetically induced voltages as common mode signals,
which are effectively rejected by the differential receiver in these
ICs.
To minimize reflections, proper termination is imperative for high
data rate networks. Short networks using slew rate limited
transmitters need not be terminated, but terminations are
recommended unless power dissipation is an overriding concern.
In point-to-point, or point-to-multipoint (single driver on bus)
networks, the main cable should be terminated in its
characteristic impedance (typically 120Ω) at the end farthest
from the driver. In multi receiver applications, stubs connecting
receivers to the main cable should be kept as short as possible.
Multipoint (multi driver) systems require that the main cable be
terminated in its characteristic impedance at both ends. Stubs
connecting a transmitter or receiver to the main cable should be
kept as short as possible.
Low Power Shutdown Mode
These BiCMOS receivers all use a fraction of the power required
by their bipolar counterparts and the versions with output enable
functions include a shutdown feature that reduces the already
low quiescent ICC to a 20µA trickle. These versions enter
shutdown whenever the receiver disables (RE =VCC or
RE = GND).
Typical Performance Curves C
L = 15pF, TA = +25°C; unless otherwise specified.
FIGURE 7. SUPPLY CURRENT vs TEMPERATURE
FIGURE 8. VL SUPPLY CURRENT vs ENABLE PIN VOLTAGE
TEMPERATURE (°C)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
RE = VCC, RE = 0V
VCC = VL = 5V
VCC = VL = 3.3V
-40
10
60
-15
35
110
85
125
02
4
RE VOLTAGE (V)
13
5
0
50
100
150
200
250
67 7.5
VCC = 5V OR 3.3V
VL = 3.3V
VL = 5V, VCC = 5V ONLY
VL = 2.5V
VL  1.8V


Similar Part No. - ISL3284EIHZ-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ISL3284EIHZ-T IDT-ISL3284EIHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3284EIHZ-T RENESAS-ISL3284EIHZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

Similar Description - ISL3284EIHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com