Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5712 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # ADNS-5712
Description  USB1.1 FULL SPEED SOC MOUSE SENSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5712 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  ADNS-5712 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5712 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ADNS-5712
_____________________________________________________________________________________________________________________________
All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
E-mail: fae_service@pixart.com
ADNS-5712-GDS-R1.2 20160902
1
ADNS-5712
USB1.1 FULL SPEED SOC MOUSE SENSOR
General Description
The PixArt ADNS-5712 is optimized for red LED based USB SoC mouse applications. It supports the USB1.1 Full-Speed with
programmable report rate up to 1000/sec, up to twelve programmable versatile buttons, wide and flexible range of CPI resolution selection
and programmable RGB LED indicator to match different CPI resolutions. The Internal OTP ROM can be programmed to cater for different
features and functions. The ADNS-5712 is capable of high-speed motion detection up to the velocity of 48 inches/sec and acceleration of
10g.
General Features
Single power with wide voltage range: 4.25V to 5.25V
Support USB 1.1 Full-Speed interface
Selectable USB report rate 1000 / 500 / 250 / 125 Hz
Supports standard five mouse buttons (L, M, R, B4, B5)
Selectable 4-level or 3-level segment for CPI resolution
switch and each CPI resolution can be programmed
individually
Support CPI resolution switch button and RGB LED indicator
to match each CPI resolution
Support breathing RGB LED and Logo LED functions
Support six extra buttons for advanced functions
Support Media mode (Play/Pause, Stop, Mute/unMute,
Volume up, Volume down, Open Media, Next Track, Prev
Track)
Support USB HID Keyboard function
Support USB HID Consumer function
Support flexible OTP ROM for versatile features
Selectable CPI resolution up to 2400 cpi
Tracking speed up to 48 ips (inches/sec) and 10g
acceleration
Frame rate up to 4000 fps (frames per sec)
Programmable USB VID / PID : xxxx / xxxx
Programmable USB Product String : xxxxxxxxxx Gaming
Mouse
Key Specifications
Supply Voltage
4.25V ~ 5.25V
Interface
USB 1.1 (Full-Speed)
USB Report Rate
1000(default) / 500 / 250 / 125 Hz.
Tracking Speed
Up to 48ips (inches/sec)
Acceleration
Up to 10g
CPI Resolution
400/800/1000/1200/1600/2400
Frame Rate
Up to 4000 fps (frames per sec)
Operating Current
10 mA @ mouse active
700 uA @ USB suspend
*Not including any LED current
Package
iDIP 14
Ordering Information
Part Number
Application
ADNS-5712
iDIP 14 packaged optical mouse sensor using red LED


Similar Part No. - ADNS-5712

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5700 AVAGO-ADNS-5700 Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H3MB AVAGO-ADNS-5700-H3MB Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H3NB AVAGO-ADNS-5700-H3NB Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H4MB AVAGO-ADNS-5700-H4MB Datasheet
310Kb / 41P
   Optical navigation technology
ADNS-5700-H4NB AVAGO-ADNS-5700-H4NB Datasheet
310Kb / 41P
   Optical navigation technology
More results

Similar Description - ADNS-5712

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
PAW3552DB PIXART-PAW3552DB Datasheet
1Mb / 8P
   USB/PS2 Optical Mouse SoC
logo
COSMO Electronics Corp...
PS202LP-1 COSMO-PS202LP-1 Datasheet
117Kb / 2P
   Mouse sensor
PS202L-1 COSMO-PS202L-1 Datasheet
115Kb / 2P
   Mouse sensor
PS201LP-1 COSMO-PS201LP-1 Datasheet
128Kb / 2P
   Mouse sensor
PS201LL-1 COSMO-PS201LL-1 Datasheet
127Kb / 2P
   Mouse sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com