Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K134-100E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9K134-100E
Description  Dual N-channel 100 V, 159 m廓 logic level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9K134-100E Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9K134-100E Datasheet HTML 1Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 2Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 3Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 4Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 5Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 6Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 7Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 8Page - NXP Semiconductors BUK9K134-100E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
BUK9K134-100E
Dual N-channel 100 V, 159 mΩ logic level MOSFET
BUK9K134-100E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
2 / 13
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S1
source1
2
G1
gate1
3
S2
source2
4
G2
gate2
5
D2
drain2
6
D2
drain2
7
D1
drain1
8
D1
drain1
3
2
1
4
6
7
8
5
LFPAK56D (SOT1205)
D1
mbk725
G1
S1
D1
D2
G2
S2
D2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BUK9K134-100E
LFPAK56D
Plastic single ended surface mounted package (LFPAK56D); 8
leads
SOT1205
7. Marking
Table 4.
Marking codes
Type number
Marking code
BUK9K134-100E
913410E
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
100
V
VDGR
drain-gate voltage
RGS = 20 kΩ
-
100
V
Tj ≤ 175 °C; DC
-10
10
V
VGS
gate-source voltage
Tj ≤ 175 °C; Pulsed
[1][2]
-15
15
V
Tmb = 25 °C; VGS = 5 V; Fig. 1
-
8.5
A
ID
drain current
Tmb = 100 °C; VGS = 5 V; Fig. 1
-
6
A
IDM
peak drain current
Tmb = 25 °C; pulsed; tp ≤ 10 µs; Fig. 4
-
34
A


Similar Part No. - BUK9K134-100E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K134-100E NEXPERIA-BUK9K134-100E Datasheet
757Kb / 13P
   Dual N-channel 100 V, 159 mΩ logic level MOSFET
10 December 2013
More results

Similar Description - BUK9K134-100E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K134-100E NEXPERIA-BUK9K134-100E Datasheet
757Kb / 13P
   Dual N-channel 100 V, 159 mΩ logic level MOSFET
10 December 2013
BUK9K32-100E NEXPERIA-BUK9K32-100E Datasheet
762Kb / 13P
   Dual N-channel 100 V, 33 m廓 logic level MOSFET
BUK9K5R1-30E NEXPERIA-BUK9K5R1-30E Datasheet
730Kb / 13P
   Dual N-channel 30 V, 5.3 m廓 logic level MOSFET
logo
NXP Semiconductors
BUK9K35-60E PHILIPS-BUK9K35-60E_15 Datasheet
253Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
12 November 2014
logo
Nexperia B.V. All right...
BUK9K5R6-30E NEXPERIA-BUK9K5R6-30E Datasheet
721Kb / 13P
   Dual N-channel 30 V, 5.8 m廓 logic level MOSFET
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 35 m廓 logic level MOSFET
BUK9K6R8-40E NEXPERIA-BUK9K6R8-40E Datasheet
764Kb / 13P
   Dual N-channel 40 V, 7.2 m廓 logic level MOSFET
BUK9K12-60E NEXPERIA-BUK9K12-60E Datasheet
723Kb / 13P
   Dual N-channel 60 V, 11.5 m廓 logic level MOSFET
BUK9K20-80E NEXPERIA-BUK9K20-80E Datasheet
259Kb / 12P
   Dual N-channel 80 V, 20 m廓 logic level MOSFET
BUK9K22-80E NEXPERIA-BUK9K22-80E Datasheet
255Kb / 12P
   Dual N-channel 80 V, 22 m廓 logic level MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com