Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIPL760C Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TIPL760C
Description  NPN SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIPL760C Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TIPL760C Datasheet HTML 1Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 2Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 3Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 4Page - Bourns Electronic Solutions TIPL760C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TIPL760B, TIPL760C
NPN SILICON POWER TRANSISTORS
2
PRODU CT
INFORMA TION
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 2. Inductive loop switching measurement.
3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(sus)
Collector-emitter
sustaining voltage
IC =
10 mA
L = 25 mH
(see Note 2)
TIPL760B
TIPL760C
500
550
V
ICES
Collector-emitter
cut-off current
VCE = 1100 V
VCE = 1200 V
VCE = 1100 V
VCE = 1200 V
VBE =0
VBE =0
VBE =0
VBE =0
TC = 100°C
TC = 100°C
TIPL760B
TIPL760C
TIPL760B
TIPL760C
50
50
200
200
µA
ICEO
Collector cut-off
current
VCE = 500 V
VCE = 550 V
IB =0
IB =0
TIPL760B
TIPL760C
50
50
µA
IEBO
Emitter cut-off
current
VEB =
10 V
IC =0
1
mA
hFE
Forward current
transfer ratio
VCE =
5 V
IC = 0.5 A
(see Notes 3 and 4)
20
60
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.4 A
IB =
0.6 A
IB =
0.6 A
IC =
2A
IC =
3A
IC =
3A
(see Notes 3 and 4)
TC = 100°C
1.0
2.5
5.0
V
VBE(sat)
Base-emitter
saturation voltage
IB =
0.4 A
IB =
0.6 A
IB =
0.6 A
IC =
2A
IC =
3A
IC =
3 A
(see Notes 3 and 4)
TC = 100°C
1.2
1.4
1.3
V
ft
Current gain
bandwidth product
VCE =
10 V
IC = 0.5 A
f =
1 MHz
12
MHz
Cob
Output capacitance
VCB =
20 V
IE = 0
f = 0.1 MHz
110
pF
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.56
°C/W
inductive-load-switching characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsv
Voltage storage time
IC = 3 A
VBE(off) = -5 V
IB(on) = 0.6 A
(see Figures 1 and 2)
2.5
µs
trv
Voltage rise time
300
ns
tfi
Current fall time
250
ns
tti
Current tail time
150
ns
txo
Cross over time
400
ns
tsv
Voltage storage time
IC = 3 A
VBE(off) = -5 V
IB(on) = 0.6 A
TC = 100°C
(see Figures 1 and 2)
3µs
trv
Voltage rise time
500
ns
tfi
Current fall time
250
ns
tti
Current tail time
150
ns
txo
Cross over time
750
ns


Similar Part No. - TIPL760C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIPL760C POINN-TIPL760C Datasheet
161Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIPL760C ISC-TIPL760C Datasheet
367Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - TIPL760C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com