Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4003-05 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X4003-05
Description  CPU Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003-05 Datasheet(HTML) 3 Page - Intersil Corporation

  X4003-05 Datasheet HTML 1Page - Intersil Corporation X4003-05 Datasheet HTML 2Page - Intersil Corporation X4003-05 Datasheet HTML 3Page - Intersil Corporation X4003-05 Datasheet HTML 4Page - Intersil Corporation X4003-05 Datasheet HTML 5Page - Intersil Corporation X4003-05 Datasheet HTML 6Page - Intersil Corporation X4003-05 Datasheet HTML 7Page - Intersil Corporation X4003-05 Datasheet HTML 8Page - Intersil Corporation X4003-05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN8113.2
June 30, 2008
X4003S8I-2.7A
X4003 AP
X4005S8I-2.7A
X4005 AP
2.7 to 3.6
2.85 to 3.0
-40 to +85
8 Ld SOIC
(150 mil)
MDP0027
X4003S8IZ-2.7A
(Note)
X4003 ZAP X4005S8IZ-2.7A
(Note)
X4005 ZAP
-40 to +85
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4003M8I-2.7A
ACM
X4005M8I-2.7A
ACV
-40 to +85
8 Ld MSOP
(3.0mm)
M8.118
X4003M8IZ-2.7A
(Note)
DAC
X4005M8IZ-2.7A
(Note)
DAL
-40 to +85
8 Ld MSOP
(3.0mm) (Pb-free)
M8.118
X4003S8I-2.7
X4003 G
X4005S8I-2.7
X4005 G
2.55 to 2.7
-40 to +85
8 Ld SOIC
(150 mil)
MDP0027
X4003S8IZ-2.7
(Note)
X4003 ZG
X4005S8IZ-2.7
(Note)
X4005 ZG
-40 to +85
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4003M8I-2.7
ACO
X4005M8I-2.7
ACX
-40 to +85
8 Ld MSOP
(3.0mm)
M8.118
X4003M8IZ-2.7
(Note)
DAB
X4005M8IZ-2.7
(Note)
DAK
-40 to +85
8 Ld MSOP
(3.0mm) (Pb-free)
M8.118
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
Ordering Information (Continued)
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC RANGE
(V)
VTRIP RANGE
(V)
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
Pin Descriptions
PIN
NUMBER
(MSOP)
NAME
FUNCTION
1
NC
No internal connections
2
NC
No internal connections
3
RESET/RESET Reset Output. RESET/RESET is an active LOW/HIGH, open drain output which goes active whenever VCC falls below
the minimum VCC sense level. It will remain active until VCC rises above the minimum VCC sense level for 250ms.
RESET/RESET goes active if the watchdog timer is enabled and SDA remains either HIGH or LOW longer than the
selectable Watchdog time out period. A falling edge of SDA, while SCL also toggles from HIGH to LOW followed by a
stop condition resets the watchdog timer. RESET/RESET goes active on power-up and remains active for 250ms after
the power supply stabilizes.
4VSS
Ground
5SDA
Serial Data. SDA is a bidirectional pin used to transfer data into and out of the device. It has an open drain output and
may be wire ORed with other open drain or open collector outputs. This pin requires a pull-up resistor and the input buffer
is always active (not gated).
Watchdog Input. A HIGH to LOW transition on the SDA while SCL also toggles from HIGH to LOW follow by a stop
condition resets the watchdog timer. The absence of this procedure within the watchdog time-out period results in
RESET/RESET going active.
6SCL
Serial Clock. The serial clock controls the serial bus timing for data input and output.
7WP
Write Protect. WP HIGH prevents changes to the watchdog timer setting.
8VCC
Supply voltage
X4003, X4005


Similar Part No. - X4003-05

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
More results

Similar Description - X4003-05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com