Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAMD20 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # SAMD20
Description  AVR UC3 A0/A1 (revision H and later)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMD20 Datasheet(HTML) 5 Page - ATMEL Corporation

  SAMD20 Datasheet HTML 1Page - ATMEL Corporation SAMD20 Datasheet HTML 2Page - ATMEL Corporation SAMD20 Datasheet HTML 3Page - ATMEL Corporation SAMD20 Datasheet HTML 4Page - ATMEL Corporation SAMD20 Datasheet HTML 5Page - ATMEL Corporation SAMD20 Datasheet HTML 6Page - ATMEL Corporation SAMD20 Datasheet HTML 7Page - ATMEL Corporation SAMD20 Datasheet HTML 8Page - ATMEL Corporation SAMD20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ASF
5
New and Noteworthy
Release ASF3.33 (Nov 2016)
Add SAMHA1-G support in ASF
Add SAM C21 SERCOM(RS485) example
Add SAM V71 USB host CDC example
Release ASF3.32 (Jul 2016)
Add SAMR30 support in ASF
Add SAM B11 ZR peripheral drivers support in ASF
Add BluSDK SMART 5.2 support
Release ASF3.31 (Apr 2016)
Update WINC3400 firmware to 1.0.2
Add BluSDK Smart 5.1
SAM L21 application examples:
• SAM L21 OPAMP as ADC Gain Amplifier
• SAM L21 CCL application example
SAM-BA use USB interface on SAM L21 XPRO board
SAM E70/V71: Enable the Cache on part of examples(Check the detail on "Issue #ASFP-5891" below)
Release ASF3.30 (Feb 2016)
Add BluSDK Smart 5.0
Update BluSDK5.0
SAM L22 application examples:
• CPU usage demonstration using DMAC
• Smart card example
• Low power application
• TCC features example
SAM4S XPRO examples:
• NAND flash examples
• SD/MMC examples
SAM-BA use USB interface on SAM D21 and L22 XPRO board
ADP: SAM4S and SAM L21 XPRO board support
Release ASF3.29 (Dec 2015)
Add SAM L22 RevB support
Add SAM E70 full support
• Service: USB HID/CDC/MSC/PHDC/Vendor device, GFX
• Component: Wifi WINC1500, MXT112S, AT30tse75x
• Third party: FreeRTOS 8.2.3, Sensor BON055,
Add Atmega 48PB,88PB,168PB devices and 168PB XMINI board support
Add SAMD11D14A-UUT device support
Add ATSAMR21ZLL-EK board support
Add ATSAMR21B18-MZ210PA and ATSAMR21G18-MR210UA module support
Add BluSDK4.0 (BLE 4.1) support


Similar Part No. - SAMD20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAMD20E ATMEL-SAMD20E Datasheet
3Mb / 586P
   ARM-Based Embedded Flash Microcontroller
logo
Microchip Technology
SAMD20E MICROCHIP-SAMD20E Datasheet
6Mb / 731P
   Low-Power, 32-bit Cortex-M0 MCUs with 12-bit ADC, 10-bit DAC, 256-Channel PTC, RTC, and SERCOM
Revision F - 03/2022
logo
ATMEL Corporation
SAMD20E14A-AU ATMEL-SAMD20E14A-AU Datasheet
3Mb / 586P
   ARM-Based Embedded Flash Microcontroller
SAMD20E14A-AUT ATMEL-SAMD20E14A-AUT Datasheet
3Mb / 586P
   ARM-Based Embedded Flash Microcontroller
SAMD20E14A-MU ATMEL-SAMD20E14A-MU Datasheet
3Mb / 586P
   ARM-Based Embedded Flash Microcontroller
More results

Similar Description - SAMD20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR32768 ATMEL-AVR32768 Datasheet
291Kb / 30P
   32-Bit AVR UC3 C Series Schematic Checklist
AVR32795 ATMEL-AVR32795 Datasheet
228Kb / 22P
   Using the GNU Linker Scripts on AVR UC3 Devices
logo
EnOcean GmbH.
PTM210 ENOCEAN-PTM210 Datasheet
170Kb / 1P
   DC Step code and later
Nov 2020
logo
Freescale Semiconductor...
C-3E FREESCALE-C-3E Datasheet
5Mb / 114P
   C-3e NETWORK PROCESSOR SILICON REVISION A1
logo
Motorola, Inc
C3ENPA1-DS MOTOROLA-C3ENPA1-DS Datasheet
842Kb / 114P
   C-3e NETWORK PROCESSOR SILICON REVISION A1
logo
Freescale Semiconductor...
C5ENPA1-DS FREESCALE-C5ENPA1-DS Datasheet
5Mb / 114P
   C-5e Network Processor Silicon Revision A1
logo
NXP Semiconductors
C3ENPA1-DS NXP-C3ENPA1-DS Datasheet
2Mb / 114P
   C-3e Network Processor Silicon Revision A1
Rev 03
C5ENPA1-DS NXP-C5ENPA1-DS Datasheet
2Mb / 114P
   C-5e NETWORK PROCESSOR SILICON REVISION A1
Rev 03
logo
ATMEL Corporation
ATEVK1110A ATMEL-ATEVK1110A Datasheet
252Kb / 17P
   AVR32817: Getting Started with the 32-bit AVR UC3 Software Framework lwIP TCP/IP Stack
logo
LUMEX INC.
LDS-E3902RI LUMEX-LDS-E3902RI Datasheet
45Kb / 1P
   E.C.N. NUMBER AND REVISION COMMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com