Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIPM15P12D007 Datasheet(PDF) 4 Page - International Rectifier

Part # PIIPM15P12D007
Description  Programmable Isolated IPM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM15P12D007 Datasheet(HTML) 4 Page - International Rectifier

  PIIPM15P12D007 Datasheet HTML 1Page - International Rectifier PIIPM15P12D007 Datasheet HTML 2Page - International Rectifier PIIPM15P12D007 Datasheet HTML 3Page - International Rectifier PIIPM15P12D007 Datasheet HTML 4Page - International Rectifier PIIPM15P12D007 Datasheet HTML 5Page - International Rectifier PIIPM15P12D007 Datasheet HTML 6Page - International Rectifier PIIPM15P12D007 Datasheet HTML 7Page - International Rectifier PIIPM15P12D007 Datasheet HTML 8Page - International Rectifier PIIPM15P12D007 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.irf.com
4
PIIPM15P12D007
I27179 22 - Sep
TMS
JTAG test mode select
Input
14
TDO
JTAG test data output
Output
15
TDI
JTAG test data input
Input
16
TCKRET
JTAG test clock return. Test clock input to the emulator.
Internally short circuited to TCK.
Output
17
TCK
JTAG test clock. TCK is a 10MHz clock source from the emulation pod. This
signal can be used to drive the system test clock.
Input
18
Boot-En~
Boot ROM enable. This pin is sampled during DSP reset, pulling it low
enables DSP boot ROM through SCI serial line at 40Mhz operation (Flash
versions only). 47k internal pull up.
Input
19
ADCin
General purpose analog input
Input
20
COM
External 15V supply ground reference. This pin is directly connected to DC -
input
1-11
Vin
External 15V supply voltage. Internally referred to DC bus minus pin (DC-)
Input
2-12
Following pins are intended for signal communication between driving board and
power module only, though here described for completeness, they are on purpose
not available to the user.
Symbol
Lead Description
Pin number
DC +
DC Bus plus input signal
DC -
DC Bus minus input signal (internally connected to COM)
Th +
Thermal sensor positive input
Th -
Thermal sensor negative input (internally connected to COM)
G1/2/3
Gate connections for high side IGBTs
E1/2/3
Emitter connections for high side IGBTs (Kelvin points)
R1/2/3 +
Output current sensing resistor positive input (IGBTs emitters 1/2/3 side, Kelvin points)
R1/2/3 -
Output current sensing resistor negative input (Motor side, Kelvin points)
G4/5/6
Gate connections for low side IGBTs
E4/5/6
Emitter connections for low side IGBTs (Kelvin points)
Gb
Gate connections for brake IGBT
Eb
Emitter connection for brake IGBT (Kelvin point)
Brk
Collector connection for brake IGBT (Kelvin point)
Lateral
connectors on
embedded
driving board


Similar Part No. - PIIPM15P12D007

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
PIIPM50E06A004 IRF-PIIPM50E06A004 Datasheet
963Kb / 28P
   Programmable Isolated IPM
PIIPM50E06A004X IRF-PIIPM50E06A004X Datasheet
963Kb / 28P
   Programmable Isolated IPM
PIIPM50E06B004 IRF-PIIPM50E06B004 Datasheet
963Kb / 28P
   Programmable Isolated IPM
PIIPM50E06B004X IRF-PIIPM50E06B004X Datasheet
963Kb / 28P
   Programmable Isolated IPM
More results

Similar Description - PIIPM15P12D007

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM50P12B004 IRF-PIIPM50P12B004 Datasheet
963Kb / 28P
   Programmable Isolated IPM
logo
Inventronics Inc.
NEL-1K0SXXXMX INVENTRONICS-NEL-1K0SXXXMX Datasheet
888Kb / 15P
   Non-isolated 1000W Programmable Driver
Rev.A
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Fuji Electric
7MBP50TEA060 FUJI-7MBP50TEA060 Datasheet
344Kb / 9P
   Econo IPM series IGBT-IPM
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Delta Electronics, Inc.
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
logo
Analog Devices
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
Fuji Electric
4MBP75RA060 FUJI-4MBP75RA060 Datasheet
4Mb / 15P
   IGBT-IPM
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
logo
Fuji Electric
6MBP100RTJ060 FUJI-6MBP100RTJ060 Datasheet
1Mb / 22P
   IGBT - IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com