Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1427 Datasheet(PDF) 10 Page - Microchip Technology

Part # AN1427
Description  High-Efficiency Solutions for Portable LED Lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1427 Datasheet(HTML) 10 Page - Microchip Technology

Back Button AN1427 Datasheet HTML 4Page - Microchip Technology AN1427 Datasheet HTML 5Page - Microchip Technology AN1427 Datasheet HTML 6Page - Microchip Technology AN1427 Datasheet HTML 7Page - Microchip Technology AN1427 Datasheet HTML 8Page - Microchip Technology AN1427 Datasheet HTML 9Page - Microchip Technology AN1427 Datasheet HTML 10Page - Microchip Technology AN1427 Datasheet HTML 11Page - Microchip Technology AN1427 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN1427
DS01427A-page 10
 2012 Microchip Technology Inc.
NOTES:


Similar Part No. - AN1427

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN14 COPAL-AN14 Datasheet
654Kb / 10P
   W-52EVAL1 EVALUATION BOARD FOR W-52 WHITE LED DRIVER
logo
ON Semiconductor
AN1405D ONSEMI-AN1405D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
AN1406 ONSEMI-AN1406 Datasheet
108Kb / 8P
   DESIGNING WITH PECL (ECL AT 5.0)
September, 1999 ??Rev. 2
AN1406/D ONSEMI-AN1406/D Datasheet
108Kb / 8P
   DESIGNING WITH PECL (ECL AT 5.0)
September, 1999 ??Rev. 2
AN1406D ONSEMI-AN1406D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AN1427

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAT125B TI-SLAT125B Datasheet
202Kb / 3P
[Old version datasheet]   Microcontrollers for Advanced Lighting Solutions
logo
Phihong USA Inc.
PDA030A-2A1B PHIHONG-PDA030A-2A1B Datasheet
3Mb / 28P
   OEM Lighting Solutions
logo
Texas Instruments
TPS92070 TI-TPS92070 Datasheet
819Kb / 20P
[Old version datasheet]   High-Efficiency Integrated Dimming LED Lighting Controller
TPS92010 TI-TPS92010 Datasheet
370Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY, OFFLINE LED LIGHTING CONTROLLER
UCL64010 TI-UCL64010 Datasheet
378Kb / 19P
[Old version datasheet]   8-PIN HIGH-EFFICIENCY OFFLINE LED LIGHTING CONTROLLER
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L Datasheet
128Kb / 2P
   portable digital audio solutions
logo
ON Semiconductor
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Marl International Limi...
LA1012 MARL-LA1012 Datasheet
162Kb / 1P
   For High Power LED Lighting Applications
LA1012 MARL-LA1012_15 Datasheet
162Kb / 1P
   For High Power LED Lighting Applications
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com