Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1467 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN1467
Description  High-Power CC/CV Battery Charger Using an Inverse SEPIC (Zeta) Topology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1467 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN1467 Datasheet HTML 2Page - Microchip Technology AN1467 Datasheet HTML 3Page - Microchip Technology AN1467 Datasheet HTML 4Page - Microchip Technology AN1467 Datasheet HTML 5Page - Microchip Technology AN1467 Datasheet HTML 6Page - Microchip Technology AN1467 Datasheet HTML 7Page - Microchip Technology AN1467 Datasheet HTML 8Page - Microchip Technology AN1467 Datasheet HTML 9Page - Microchip Technology AN1467 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AN1467
DS01467A-page 6
 2012 Microchip Technology Inc.
THE CC/CV CHARGER LIBRARY
Except for Ni-MH (and Ni-Cd), all the popular battery
chemistries on the market today use a form of constant
current, followed by a constant voltage charging (or
constant voltage with current limit) algorithm. Since the
hardware presented in this application note is capable
of regulating output voltage and current, using it for this
purpose comes only naturally. Also, one of the biggest
problems in synchronous chargers, the battery reversal
current, is solved by the driver diode emulation feature.
The converter’s maximum current is 8A, so it is some-
what impractical to use it for very small batteries (cur-
rent shunt amplifier output for 50 mA or less is close to
the noise floor of the ADC). Also, because this imple-
mentation has no burst mode at very low duty cycles,
the output ripple increases. It is best used with
lead-acid and lithium type batteries with capacities over
4 Ah (also probably not useful on batteries bigger than
80 Ah).
MULTI-STEP CHARGING
Properly charging the batteries requires multiple steps
and specific mechanisms for each chemistry.
Lead-acid batteries have generally a more sluggish
behavior when charging, and the process will take
longer. It is not recommended to charge using currents
over C/5, or the topping charge portion may not be
complete when the current threshold triggers the end of
the charge. Also, lead-acid batteries may be placed in
floating charge for extended periods of time.
Li-Ion chemistries have different charging require-
ments, in the sense that they will not absorb the over-
charge, so the current flow must be cut as soon as the
battery is full. The optimum charging current is C/2, for
a good balance between the charge time and the
battery life cycle. Deeply depleted cells have to be
trickle-charged until the cut-off threshold is reached.
Some Li-Ion chemistries are more resilient and
forgiving to abuse than others. LiFePO4 is one such
example.
Ni-Zn cells are similar to Li-Ion. No float charge should
be applied, and deeply depleted cells need to be
trickled back to life.
All these particularities need to be implemented in the
charger state machine and a set of charging parameters
written for each chemistry type.
TABLE 1:
BATTERY CHEMISTRIES
Chemistry
Pre-charge
Charge
Float
Lead-acid
No, if under 1.75V per cell for extended periods replace it. 2.4V/cell to C/40 current
Yes, 2.25V/cell
Li-Co
Yes. C/10 to 3.0V
4.2V/cell to C/33 (3%)
No
LiFePO4
Yes. C/10 to 2.7V (2.5V for some variants)
3.65V/cell to C/33 (3%)
No
Ni-Zn
Yes. C/10 to 1.3V
1.9V/cell to C/33 (3%)
No


Similar Part No. - AN1467

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1464 STMICROELECTRONICS-AN1464 Datasheet
324Kb / 27P
   LOW-COST DOUBLE LI-ION BATTERY CHARGER
logo
Microchip Technology
AN1465 MICROCHIP-AN1465 Datasheet
788Kb / 14P
   Digitally Addressable Lighting Interface (DALI) Communication
11/29/11
More results

Similar Description - AN1467

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SL71053 KODENSHI-SL71053 Datasheet
90Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
logo
AUK corp
SL71063 AUK-SL71063 Datasheet
188Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71062 AUK-SL71062 Datasheet
188Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71053 AUK-SL71053 Datasheet
192Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71051 AUK-SL71051 Datasheet
267Kb / 5P
   CC, CV Control for Battery Charger & Adaptor
SL71061 AUK-SL71061 Datasheet
296Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
logo
Unisonic Technologies
UM607 UTC-UM607 Datasheet
167Kb / 6P
   CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
UM607 UTC-UM607_17 Datasheet
146Kb / 6P
   CC, CV CONTROL FOR BATTERY CHARGER AND ADAPTOR
logo
Power Integrations, Inc...
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
   3.9W CV/CC Charger using TNY266P with < 100 mW standby
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
   3.5W CV/CC Adapter using TNY264P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com