Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC5400 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SFC5400
Description  Ultra-fast settling time (down to 50 ms)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFC5400 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SFC5400 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFC5400 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CMOSensSFC5400 / SFM5400 Mass Flow Controller / Meter for Gases
www.sensirion.com
October 2016 – V12
3/12
1 CMOSensSFC5400 / SFM5400 mass flow controller / meter performance
Specification
Value
Unit
Full scale flow
0.05, 0.1, 0.2, 0.5, 1, 2, 5, 10
20, 50, 100, (2001)
ln/min or slm
Accuracy 2
whichever is greater
0.8
1
% s.p.3
0.08
0.1
% FS
Repeatability whichever is greater
0.1
0.2
% s.p.
0.01
0.02
% FS
Typical settling time 4
100 (50 for optimized OEM versions 5)
ms
Measurement frequency
1000
Hz
Control range 6
Better than 1'000:1
Standard calibration gases
Air/N2, H2, O2, He, Ar, CO2
Calibration using gas conversion 7
Standard: SF6, C4F8
OEM versions 5: CF4, NH3, SiH4, N2O, O3, CO, CH4, CH3F, Xe, Ne, Kr
+ other gases and mixtures on request
(not compatible with aggressive gases, see wetted material list or contact Sensirion)
Operating temperature (ambient and gas)
0 – 50 / 32 – 122
°C / °F
Temp. coeff. zero
0.005
% FS / °C
Temp. coeff. span
0.06
% s.p. / °C
Pressure drop at full flow
SFC5400
SFM5400
< 2.0 / 29
< 0.1 / 1.5
< 3.0 / 43
< 0.2 / 3
bar / psig
Maximum input pressure 8
10 / 145
bar / psig
Maximum differential pressure 9
5 / 73
4 / 58
bar / psig
Leak integrity MFC external
9 x 10-9
mbar l/s He
Leak integrity through closed valve
1 x 10-6
mbar l/s He
Warming up time 10
1
sec
1
Reduced performance
2
Including offset, non-linearity and hysteresis. Measured against NIST traceable reference
3
in % of set point (s.p.) = measured value (m.v.) = rate = reading
4
Step answer from 10% to 100% of full scale within
5% of set point. MFCs with analog interfaces have longer settling time due
to the analog circuitry delays (typically by factor 2).
5
Minimal order quantity of 50 units per year
6
Specification is valid for mass flow controller only. Performance of devices with analog interface depends on wiring quality and is
usually not better than 500:1
7
Gas conversion is generated from the real gas calibration data using the combination of standard gases. Typical accuracy is 2%
m.v. / 0.2% FS (whichever is greater). Please contact Sensirion if better accuracy specification is required for your OEM project.
8
Pressure between flow inlet and ambient
9
Pressure between flow inlet and flow outlet. For availability of higher differential pressure option, contact Sensirion
10
to within
2 % of set point
Table 1: Overview of CMOSensSFC5400 / SFM5400 Mass Flow Controller / Meter Specifications
All data, unless otherwise noted, apply for the following calibration conditions: Temperature 20°C, Nitrogen (N2), 3.0 bar overpressure (inlet: 4.0
bar absolute) against atmosphere (outlet: 1.0 bar absolute), horizontal mounting position (el. connector on top), downmount connection


Similar Part No. - SFC5400

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFC52S16L391K-F CDE-SFC52S16L391K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFC52S16L391L-F CDE-SFC52S16L391L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
   Ultra-fast settling time (down to 50 ms)
More results

Similar Description - SFC5400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFC5300 ETC2-SFC5300 Datasheet
574Kb / 10P
   Ultra-fast settling time (down to 50 ms)
logo
Analog Devices
FS-125 AD-FS-125_15 Datasheet
2Mb / 8P
   FAST SETTLING
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
   FAST SETTLING SYNTHESIZER
logo
Linear Technology
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Analog Devices
AD9610 AD-AD9610_15 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
logo
DIYI Electronic Technol...
MUR1010 DYELEC-MUR1010 Datasheet
987Kb / 3P
   Ultra fast recovery time,high voltage
MUR1610CT DYELEC-MUR1610CT Datasheet
829Kb / 3P
   Ultra fast recovery time,high voltage
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com