Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP600-25Pa Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDP600-25Pa
Description  Accuracy better than 0.2% FS near zero
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP600-25Pa Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDP600-25Pa Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP600-25Pa Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
1/10
SDP600 Series (SDP6xx/5xx)
Low-cost Digital Differential Pressure Sensor
Accuracy better than 0.2% FS near zero
Digital output (I2C)
Excellent repeatability, even below 10 Pa
Calibrated and temperature compensated
Excellent long-term stability
Flow measurement in bypass configuration
Product Summary
The SDP600 sensor family is Sensirion’s series of digital
differential pressure sensors designed for high-volume
applications. They measure the pressure of air and non-
aggressive gases with superb accuracy and no offset drift.
The sensors cover a pressure range of up to ±500 Pa
(±2 inch H2O / ±5 mbar) and deliver outstanding accuracy
even at the bottom end of the measuring range.
The SDP600 series operates from a 3.3V supply voltage
and features a digital 2-wire interface, which makes it easy
to connect directly to a microprocessor. The signal is
internally linearized and temperature compensated.
The outstanding performance of these sensors is based
on Sensirion’s patented CMOSens® sensor technology,
which combines the sensor element, signal processing
and digital calibration on a tiny microchip. The differential
pressure is measured by a thermal sensor element using
flow-through technology. Compared with membrane-
based sensors, the SDP600 features an extended
dynamic range, better long-term stability, and improved
repeatability, especially near zero.
The well-proven CMOS technology is perfectly suited for
high-quality mass production and is the ideal choice for
demanding and cost-sensitive OEM applications.
Applications
Medical
HVAC
Automotive
Process automation
Burner control
OEM options
A variety of custom options can be implemented for high-
volume OEM applications. Ask us for more information.
Sensor chip
The SDP600 series features a fourth-generation silicon
sensor chip called SF04. In addition to a thermal mass
flow sensor element, the chip contains an amplifier, A/D
converter, EEPROM memory, digital signal processing
circuitry, and interface. The highly sensitive chip requires
only a minuscule amount of gas flow through the sensor.


Similar Part No. - SDP600-25Pa

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDP60N03L SAMHOP-SDP60N03L Datasheet
519Kb / 6P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
More results

Similar Description - SDP600-25Pa

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
   Near-zero click-and-pop
logo
Alpha Wire
PVC-105-24 ALPHAWIRE-PVC-105-24 Datasheet
4Mb / 42P
   Better wire management means better harnesses
logo
Allegro MicroSystems
A1698 ALLEGRO-A1698 Datasheet
573Kb / 13P
   Two-Wire, True Zero-Speed, High Accuracy
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
A1667 ALLEGRO-A1667 Datasheet
887Kb / 15P
   True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com