Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP102K281B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP102K281B
Description  LOW NOISE 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102K281B Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP102K281B Datasheet HTML 1Page - RICOH electronics devices division RP102K281B Datasheet HTML 2Page - RICOH electronics devices division RP102K281B Datasheet HTML 3Page - RICOH electronics devices division RP102K281B Datasheet HTML 4Page - RICOH electronics devices division RP102K281B Datasheet HTML 5Page - RICOH electronics devices division RP102K281B Datasheet HTML 6Page - RICOH electronics devices division RP102K281B Datasheet HTML 7Page - RICOH electronics devices division RP102K281B Datasheet HTML 8Page - RICOH electronics devices division RP102K281B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
RP102x
NO.EA-141-160705
5
ELECTRICAL CHARACTERISTICS
RP102xxx1B/D
VIN
Set VOUT1V for VOUT options grater than 1.5V. VIN2.5V for VOUT  
 1.5V.
IOUT
1mA, CINCOUT1F, unless otherwise noted.
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
Set VOUT1V
VOUT > 2.0V
0.992
1.008
V
VOUT  
 2.0V
16
16
mV
IOUT
Output Current
300
mA
VOUT/
IOUT
Load Regulation
1mA  
 IOUT  
 150mA
10
20
mV
1mA  
 IOUT  
 300mA
20
40
VDIF
Dropout Voltage
Refer to the following table
ISS
Supply Current
IOUT
0mA
50
70
A
Istandby
Supply Current (Standby)
VCE
0V
0.1
2.0
A
VOUT/VIN Line Regulation
Set VOUT
0.5V  
 VIN  
 5V
0.02
0.10
%/V
RR
Ripple Rejection
f
1kHz, Ripple 0.2Vp-p
VIN
Set VOUT1V, IOUT30mA
(In case that VOUT  
 2V, VIN3V)
80
dB
VIN
Input Voltage*
1.7
5.25
V
VOUT/Topt
Output Voltage
Temperature Coefficient
40C  
 Topt  
 85C
20
ppm
/
C
ISC
Short Current Limit
VOUT
0V
50
mA
IPD
CE Pull-down Current
0.05
0.3
0.6
A
VCEH
CE Input Voltage “H”
1.1
V
VCEL
CE Input Voltage “L”
0.3
V
en
Output Noise
BW
10Hz to 100kHz, IOUT30mA
30
Vrms
RLOW
Low Output Nch Tr. ON
Resistance (of D version)
VIN
4V
VCE
0V
30

) The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this
specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total
operating time is within 500hrs.
Electrical Characteristics by Output Voltage
Topt
25C
Output Voltage
VOUT (V)
Dropout Voltage VDIF (V)
Condition
Typ.
Max.
Condition
Typ.
Max.
1.2V  
 VOUT < 1.5V
IOUT
150mA
0.145
-
IOUT
300mA
0.290
0.500
1.5V  
 VOUT < 1.7V
0.110
0.160
0.220
0.320
1.7V  
 VOUT < 2.0V
0.100
0.140
0.200
0.280
2.0V  
 VOUT < 2.5V
0.085
0.120
0.170
0.240
2.5V  
 VOUT < 2.8V
0.070
0.100
0.140
0.200
2.8V  
 VOUT  
 3.3V
0.060
0.095
0.120
0.190


Similar Part No. - RP102K281B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102K281B RICOH-RP102K281B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K281B5 RICOH-RP102K281B5 Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP102K281B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com