Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP102K241B Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP102K241B
Description  LOW NOISE 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102K241B Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP102K241B Datasheet HTML 1Page - RICOH electronics devices division RP102K241B Datasheet HTML 2Page - RICOH electronics devices division RP102K241B Datasheet HTML 3Page - RICOH electronics devices division RP102K241B Datasheet HTML 4Page - RICOH electronics devices division RP102K241B Datasheet HTML 5Page - RICOH electronics devices division RP102K241B Datasheet HTML 6Page - RICOH electronics devices division RP102K241B Datasheet HTML 7Page - RICOH electronics devices division RP102K241B Datasheet HTML 8Page - RICOH electronics devices division RP102K241B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
RP102x
NO.EA-141-160705
2
BLOCK DIAGRAMS
RP102xxx1B
RP102xxx1D
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
SELECTION GUIDE
The output voltage, auto discharge function, package, and the taping type, etc. for the ICs can be selected at
the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP102Zxx1
-TR-F
WLCSP-4-P2
5,000 pcs
Yes
Yes
RP102Kxx1
-TR
DFN(PLP)1820-6
5,000 pcs
Yes
Yes
RP102Nxx1
-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: The output voltage can be designated in the range from 1.2V(12) to 3.3V(33) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)
 : CE pin polarity and auto discharge function at off state are options as follows.
(B) "H" active, without auto discharge function at off state
(D) "H" active, with auto discharge function at off state


Similar Part No. - RP102K241B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102K201-TR RICOH-RP102K201-TR Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP102K251-TR RICOH-RP102K251-TR Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP102K251B RICOH-RP102K251B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K251D RICOH-RP102K251D Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K261B RICOH-RP102K261B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP102K241B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com