Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP102K201D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP102K201D
Description  LOW NOISE 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102K201D Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP102K201D Datasheet HTML 1Page - RICOH electronics devices division RP102K201D Datasheet HTML 2Page - RICOH electronics devices division RP102K201D Datasheet HTML 3Page - RICOH electronics devices division RP102K201D Datasheet HTML 4Page - RICOH electronics devices division RP102K201D Datasheet HTML 5Page - RICOH electronics devices division RP102K201D Datasheet HTML 6Page - RICOH electronics devices division RP102K201D Datasheet HTML 7Page - RICOH electronics devices division RP102K201D Datasheet HTML 8Page - RICOH electronics devices division RP102K201D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
RP102x SERIES
LOW NOISE 300mA LDO REGULATOR
NO.EA-141-160705
1
OUTLINE
The RP102x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference
unit, an error amplifier, a resistor-net for voltage setting, a current limit circuit and a chip enable circuit.
These ICs perform with low dropout voltage and "chip enable" function. The line transient response and load
transient response of the RP102x Series are excellent, thus these ICs are very suitable for the power supply for
hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5,
DFN(PLP)1820-6, and WLCSP-4-P2, therefore high density mounting of the ICs on boards is possible.
FEATURES
 Supply Current ......................................................Typ. 50A
 Standby Mode .......................................................Typ. 0.1A
 Dropout Voltage ....................................................Typ. 0.12V (IOUT300mA, VOUT2.8V)
 Ripple Rejection....................................................Typ. 80dB (f1kHz)
 Temperature-Drift Coefficient of Output Voltage ...Typ. ±20ppm/C
 Line Regulation .....................................................Typ. 0.02%/V
 Output Voltage Accuracy.......................................0.8%
 Packages ..............................................................WLCSP-4-P2, DFN(PLP)1820-6, SOT-23-5
 Input Voltage Range .............................................1.7V to 5.25V
 Output Voltage Range...........................................1.2V to 3.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
 Built-in Fold Back Protection Circuit .....................Typ. 50mA (Current at short mode)
 Ceramic capacitors are recommended to be used with this IC ......CINCOUT1F or more
APPLICATIONS
 Power source for portable communication equipment.
 Power source for electrical appliances such as cameras, VCRs and camcorders.
 Power source for battery-powered equipment.


Similar Part No. - RP102K201D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102K201-TR RICOH-RP102K201-TR Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
More results

Similar Description - RP102K201D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com