Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK10C48-S20I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STK10C48-S20I
Description  2K X 8 NVSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK10C48-S20I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STK10C48-S20I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK10C48-S20I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STK10C48
July 1999
3-6
RECALL CYCLES #1, #2 & #3
(VCC = 5.0V ± 10%)
b
Note p:
Measured with W and NE both high, and G and E low.
Note q:
Once tNLNH has been satisfied by NE, G, W and E, the RECALL cycle is completed automatically. Any of NE, G or E may be used to terminate
the RECALL initiation cycle.
Note r:
If W is low at any point in which both E and NE are low and G is high, then a STORE cycle will be initiated instead of a RECALL.
RECALL CYCLE #1: NE Controlledo
RECALL CYCLE #2: E Controlledo
RECALL CYCLE #3: G Controlledo, r
NO.
SYMBOLS
PARAMETER
MIN
MAX
UNITS
#1
#2
#3
29
tNLQX
p
tELQX
tGLQX
RECALL Cycle Time
20
µs
30
tNLNH
q
tELNH
tGLNH
RECALL Initiation Cycle Time
20
ns
31
tNLEL
tNLGL
NE Set-up
5
ns
32
tGLNL
tGLEL
Output Enable Set-up
5
ns
33
tWHNL
tWHEL
tWHGL
Write Enable Set-up
5
ns
34
tELNL
tGLEL
tELGL
Chip Enable Set-up
5
ns
35
tNLQZ
NE Fall to Outputs Inactive
20
ns
36
tRESTORE
Power-up RECALL Duration
550
µs
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
30
tNLNH
32
tGLNL
33
tWHNL
34
tELNL
35
tNLQZ
29
tNLQX
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
31
tNLEL
32
tGLEL
33
tWHEL
30
tELNH
29
tELQX
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
31
tNLGL
29
tGLQX
30
tGLNH
33
tWHGL
34
tELGL


Similar Part No. - STK10C48-S20I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK10C48-S25 SIMTEK-STK10C48-S25 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48-S25I SIMTEK-STK10C48-S25I Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK10C48-S20I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com