Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C68-S35I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK15C68-S35I
Description  8K x 8 AutoStore nvSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK15C68-S35I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK15C68-S35I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C68-S35I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4-61
STK15C68
8K x 8
AutoStore™ nvSRAM
High Performance CMOS
Nonvolatile Static RAM
FEATURES
• Nonvolatile Storage Without Battery Problems
• Directly Replaces 8K x 8 static RAM, Battery
Backed RAM or EEPROM
• 25ns, 35ns and 45ns Access Times
• Store to EEPROM Initiated by Software or
AutoStore™ on Power Down
• Recall to SRAM by Software or Power Restore
• 15mA I
CC at 200ns Cycle Time
• Unlimited Read, Write and Recall Cycles
• 1,000,000 Store Cycles to EEPROM
• 100 Year Data Retention Over Full Industrial
Temperature Range
• Commercial and Industrial Temp. Ranges
• 28 Pin 600 or 300 mil PDIP and 350 mil SOIC
DESCRIPTION
The STK15C68 is a fast SRAM with a nonvolatile
EEPROM element incorporated in each static memory
cell. The SRAM can be read and written an unlimited
number of times, while independent, nonvolatile data
resides in EEPROM. Data transfers from the SRAM to
EEPROM (the
STORE operation) can take place auto-
matically on power down using charge stored in system
capacitance. Transfers from the EEPROM to the SRAM
(the
RECALL operation) take place automatically on res-
toration of power. Initiation of STORE and RECALL
cycles can also be controlled by entering control
sequences on the SRAM inputs. The nvSRAM can be
used in place of existing 8K x 8 SRAMs and also matches
the pinout of 8k x 8 Battery Backed SRAMs, EPROMs,
and EEPROMs, allowing direct substitution while enhanc-
ing performance. There is no limit on the number of read
or write cycles that can be executed and no support cir-
cuitry is required for microprocessor interface.
BLOCK DIAGRAM
A
0
A
12
VCC
POWER
CONTROL
A
A
A
A
A
A
5
6
7
8
9
11
12
A
DQ
128 x 512
128 x 512
10
0
AA
2
A
1
A
A
A
4
3
4
EEPROM ARRAY
DQ
DQ
DQ
5
RECALL
CONTROL
ARRAY
0
COLUMN DEC
STORE
DQ
COLUMN I/O
DQ
6
DETECT
STORE/
1
7
2
SOFTWARE
DQ
STATIC RAM
3
RECALL
DQ
W
E
G
PIN NAMES
A0 - A12
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+5V)
VSS
Ground
28 - 300 PDIP
28 - 600 PDIP
28 - 350 SOIC
NC
NC
10
G
A
1
22
5
25
3
E
12
6
27
V
A
23
5
6
A
A
7
16
3
11
0
A
9
6
1
11
19
A
8
17
0
7
A
821
26
7
14
SS
3
28
DQ
9
4
CC
DQ
A
DQ
5
A
1
A
W
A
DQ
10
2
DQ
2
20
18
DQ
12
24
DQ
4
15
DQ
A
V
A
2
13
4
PIN CONFIGURATIONS


Similar Part No. - STK15C68-S35I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68-SF25 SIMTEK-STK15C68-SF25 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-SF25 SIMTEK-STK15C68-SF25 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25I SIMTEK-STK15C68-SF25I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-SF25I SIMTEK-STK15C68-SF25I Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK15C68-SF25ITR SIMTEK-STK15C68-SF25ITR Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
More results

Similar Description - STK15C68-S35I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com