Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9606-55A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK9606-55A
Description  TrenchMOS횚 transistor Logic level FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9606-55A Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK9606-55A Datasheet HTML 1Page - NXP Semiconductors BUK9606-55A Datasheet HTML 2Page - NXP Semiconductors BUK9606-55A Datasheet HTML 3Page - NXP Semiconductors BUK9606-55A Datasheet HTML 4Page - NXP Semiconductors BUK9606-55A Datasheet HTML 5Page - NXP Semiconductors BUK9606-55A Datasheet HTML 6Page - NXP Semiconductors BUK9606-55A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9606-55A
Logic level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode logic
SYMBOL
PARAMETER
MAX.
UNIT
level field-effect power transistor in a
plastic envelope suitable for surface
V
DS
Drain-source voltage
55
V
mounting. Using ’trench’ technology
I
D
Drain current (DC)
75
A
the device features very low on-state
P
tot
Total power dissipation
230
W
resistance. It is intended for use in
T
j
Junction temperature
175
˚C
automotive and general purpose
R
DS(ON)
Drain-source on-state
switching applications.
resistance
V
GS = 5 V
6.3
m
V
GS = 10 V
5.8
m
PINNING - SOT404
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain (no connection
possible)
3
source
mb
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
10
V
±V
GSM
Non-repetitive gate-source voltage
t
p≤50µS
-
15
V
I
D
Drain current (DC)
T
mb = 25 ˚C
-
75
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
75
A
I
DM
Drain current (pulse peak value)
T
mb = 25 ˚C
-
240
A
P
tot
Total power dissipation
T
mb = 25 ˚C
-
230
W
T
stg, Tj
Storage & operating temperature
-
- 55
175
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
0.65
K/W
mounting base
R
th j-a
Thermal resistance junction to
Minimum footprint, FR4
50
-
K/W
ambient
board
d
g
s
13
mb
2
January 1999
1
Rev 1.000


Similar Part No. - BUK9606-55A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUK9606-55A ETC-BUK9606-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK9606-55A ISC-BUK9606-55A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9606-55A NEXPERIA-BUK9606-55A Datasheet
813Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04 - 31 May 2010
logo
NXP Semiconductors
BUK9606-55A PHILIPS-BUK9606-55A_15 Datasheet
204Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04-31 May 2010
More results

Similar Description - BUK9606-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9505-30A PHILIPS-BUK9505-30A Datasheet
52Kb / 8P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.100
BUK9506-55A PHILIPS-BUK9506-55A Datasheet
67Kb / 8P
   TrenchMOS횚 transistor Logic level FET
December 1998 Rev 1.100
BUK9635-100A PHILIPS-BUK9635-100A Datasheet
59Kb / 7P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.000
BUK9540-100A PHILIPS-BUK9540-100A Datasheet
77Kb / 9P
   TrenchMOS횚 transistor Logic level FET
December 1999 Rev 1.000
BUK7515-100A PHILIPS-BUK7515-100A Datasheet
65Kb / 7P
   TrenchMOS횚 transistor Standard level FET
December 1998 Rev 1.100
BUK7606-55A PHILIPS-BUK7606-55A Datasheet
72Kb / 7P
   TrenchMOS횚 transistor Standard level FET
January 1999 Rev 1.000
PSMN010-55D PHILIPS-PSMN010-55D Datasheet
100Kb / 9P
   N-channel logic level TrenchMOS횚 transistor
October 1999 Rev 1.200
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK9518-30 PHILIPS-BUK9518-30 Datasheet
47Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com