Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9640-100A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK9640-100A
Description  TrenchMOS횚 transistor Logic level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9640-100A Datasheet(HTML) 8 Page - NXP Semiconductors

  BUK9640-100A Datasheet HTML 1Page - NXP Semiconductors BUK9640-100A Datasheet HTML 2Page - NXP Semiconductors BUK9640-100A Datasheet HTML 3Page - NXP Semiconductors BUK9640-100A Datasheet HTML 4Page - NXP Semiconductors BUK9640-100A Datasheet HTML 5Page - NXP Semiconductors BUK9640-100A Datasheet HTML 6Page - NXP Semiconductors BUK9640-100A Datasheet HTML 7Page - NXP Semiconductors BUK9640-100A Datasheet HTML 8Page - NXP Semiconductors BUK9640-100A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9540-100A
Logic level FET
BUK9640-100A
MECHANICAL DATA
Fig.21. SOT404 surface mounting package. Centre pin connected to mounting base.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.40
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads
(one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
98-12-14
99-06-25
December 1999
8
Rev 1.000


Similar Part No. - BUK9640-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9640-100A NXP-BUK9640-100A Datasheet
216Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04-31 May 2010
logo
Inchange Semiconductor ...
BUK9640-100A ISC-BUK9640-100A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9640-100A NEXPERIA-BUK9640-100A Datasheet
728Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
logo
NXP Semiconductors
BUK9640-100A PHILIPS-BUK9640-100A_15 Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
More results

Similar Description - BUK9640-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9505-30A PHILIPS-BUK9505-30A Datasheet
52Kb / 8P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.100
BUK9506-55A PHILIPS-BUK9506-55A Datasheet
67Kb / 8P
   TrenchMOS횚 transistor Logic level FET
December 1998 Rev 1.100
BUK9635-100A PHILIPS-BUK9635-100A Datasheet
59Kb / 7P
   TrenchMOS횚 transistor Logic level FET
August 1999 Rev 1.000
BUK9606-55A PHILIPS-BUK9606-55A Datasheet
73Kb / 7P
   TrenchMOS횚 transistor Logic level FET
January 1999 Rev 1.000
BUK7515-100A PHILIPS-BUK7515-100A Datasheet
65Kb / 7P
   TrenchMOS횚 transistor Standard level FET
December 1998 Rev 1.100
BUK7606-55A PHILIPS-BUK7606-55A Datasheet
72Kb / 7P
   TrenchMOS횚 transistor Standard level FET
January 1999 Rev 1.000
PSMN010-55D PHILIPS-PSMN010-55D Datasheet
100Kb / 9P
   N-channel logic level TrenchMOS횚 transistor
October 1999 Rev 1.200
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK9518-30 PHILIPS-BUK9518-30 Datasheet
47Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com