Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD210HE Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMD210HE
Description  High current capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD210HE Datasheet(HTML) 2 Page - Micro Commercial Components

  SMD210HE Datasheet HTML 1Page - Micro Commercial Components SMD210HE Datasheet HTML 2Page - Micro Commercial Components SMD210HE Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2015/09/17
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
TM
Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
0
0
0.4
Ta
)
FIG1:Io-Ta Curve
160
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
0.8
1.2
1.6
2.0
2.4
SMD22HE-24HE
SMD25HE-220HE
1
0
2
5
10
20
50
100
10
FIG2:Surge Forward Current Capadility
Number of Cycles
20
30
40
50
60
70
8.3ms Single Half Sine Wave
JEDEC Method
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.02
0.05
VF(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
SMD22HE~24HE
SMD25HE~26HE
SMD28HE~210HE
SMD215HE~220HE


Similar Part No. - SMD210HE

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SMD210APT CHENMKO-SMD210APT Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SMD210LHE MCC-SMD210LHE Datasheet
430Kb / 3P
   Guardring for overvoltage protection
SMD210PL MCC-SMD210PL Datasheet
349Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
logo
Nanjing International G...
SMD210PL DGNJDZ-SMD210PL Datasheet
273Kb / 2P
   2 Amp Schottky Barrier Diodes
SMD210PL DGNJDZ-SMD210PL Datasheet
191Kb / 2P
   2 Amp Schottky Barrier Diodes
More results

Similar Description - SMD210HE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com